Electronic Components Datasheet Search
  English  ▼

X  

PIDG Datasheet(PDF) 14 Page - TE Connectivity Ltd

Part # PIDG
Description  Pre-Insulated Diamond Grip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PIDG Datasheet(HTML) 14 Page - TE Connectivity Ltd

Back Button PIDG Datasheet HTML 10Page - TE Connectivity Ltd PIDG Datasheet HTML 11Page - TE Connectivity Ltd PIDG Datasheet HTML 12Page - TE Connectivity Ltd PIDG Datasheet HTML 13Page - TE Connectivity Ltd PIDG Datasheet HTML 14Page - TE Connectivity Ltd PIDG Datasheet HTML 15Page - TE Connectivity Ltd PIDG Datasheet HTML 16Page - TE Connectivity Ltd PIDG Datasheet HTML 17Page - TE Connectivity Ltd PIDG Datasheet HTML 18Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Butt Splices
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-14
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body and Metallic Sleeve:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545
L
X
W
T
,26–24,
.890
.082
2-323994-0
2-323994-1
(0.12–0.24)
22.61
2.08
26–22
.890
.082
2-323994-2
–
(0.10–0.41)
22.61
2.08
22–16
1.265
.125
-320559-0
–
(0.26–1.65)
32.13
3.18
16–14
1.265
.150
-320562-0
2-320562-3
(1.04–2.62)
32.13
3.81
12–10
1.656
.220
-320570-0
–
(2.62–6.64)
42.06
5.59
, )26–24 range in accordance with MIL-T-7928.
Wire Size
AWG
(mm2)
Splice
Insulation
Color
Wire Insulation
Diameter
Max.
Dimension
L
Max.
Part Numbers
Loose-
Tape
Piece
Mounted
Insulated Wire Pins
.005–.016
.264
.043
.043
.717
.083
(0.14-0.4)
6.7
1.1
1.1
18.2
2.1
0-165514-1
.010–.063
.264
.071
.071
.776
.142
(0.25-1.6)
6.7
1.8
1.8
19.7
3.6
165142
.010–.063
.390
.075
.071
.902
.142
(0.25–1.6)
9.9
1.9
1.8
22.9
3.6
165168
.039–.102
.264
.071
.071
.799
.169
(1.0–2.6)
6.7
1.8
1.8
20.3
4.3
165046
.039–.102
.390
.071
.071
.929
.169
(1.0–2.6)
9.9
1.8
1.8
23.6
4.3
165172
.039–.102
.598
.106
.091
1.146
.169
(1.0–2.6)
15.2
2.7
2.3
29.1
4.3
9-160402-2
.106–.260
.390
.102
.102
1.122
.252
(2.7–6.6)
9.9
2.6
2.6
28.5
6.4
165049
.106–.260
.598
.138
.110
1.224
.248
(2.7–6.6)
15.2
3.5
2.8
31.1
6.3
0-160404-2
Wire Size
AWG
(mm2)
Splice
Insulation
Color
Insulation
Diameter
Max.
Dimensions
XW
T
L
Part
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com