Electronic Components Datasheet Search
  English  ▼

X  

PIDG Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # PIDG
Description  Pre-Insulated Diamond Grip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PIDG Datasheet(HTML) 2 Page - TE Connectivity Ltd

  PIDG Datasheet HTML 1Page - TE Connectivity Ltd PIDG Datasheet HTML 2Page - TE Connectivity Ltd PIDG Datasheet HTML 3Page - TE Connectivity Ltd PIDG Datasheet HTML 4Page - TE Connectivity Ltd PIDG Datasheet HTML 5Page - TE Connectivity Ltd PIDG Datasheet HTML 6Page - TE Connectivity Ltd PIDG Datasheet HTML 7Page - TE Connectivity Ltd PIDG Datasheet HTML 8Page - TE Connectivity Ltd PIDG Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AWG Identification Numbers
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-2
The International AWG
Identification Numbers
Each TE Connectivity Terminal
and Splice covers specific inter-
national wire range and has the
applicable wire size marked on
the tongue or the barrel. Insulated
terminals and splices are color
coded for easy identification. All
application tools have a special
matching control system.
With this technique the quality
of the termination made can be
reliably checked at any time.
During crimping the application
tooling marks a proper visual
code on the terminal or insula-
tion sleeve. If the code of the ter-
minal and the mark of the
tool are corresponding, a reliable
termination with the correct too-
ling has been made.
Cross Reference of AWG Code Numbers to Wire Size Range
26–22
0.10–
0.40
0.14/0.20/0.25/0.35
22–16
0.25–
1.60
0.35/0.50/0.75/1.00/1.50
16–14
1.00–
2.60
1.00/1.50/2.50
16–14 HD,
1.00–
2.60
1.00/1.50/2.50
12–10
2.70–
6.60
4.00/6.00
8
6.70– 10.50
10.0
6
10.60– 16.70
16.0
4
16.80– 26.60
25.0
2
26.70– 42.40
35.0
1/0
42.50– 60.50
50.0
2/0
60.60– 76.20
70.0
3/0
76.30– 97.00
95.0
4/0
98.00–120.00
120.0
250–300 MCM
121.00–151.00
150.0
300–350 MCM
152.00–192.00
185.0
400–350 MCM
193.00–242.00
240.0
500–600 MCM
243.00–304.00
300.0
, ) Heavy-duty terminals use AWG 12–10 (2.7–6.6 mm2) tooling.
AWG Code Number
Wire Size Range (mm2)
for DIN Cross Section (mm2)
Minimum Number of Wires, Diameter of Conductor for Insulated High Current Conductors
Wire Size Range
Number and Diameter of Wires
Diameter of Conductor
Wire Size Range
Number and Diameter of Wires
Diameter of Conductor
(mm2)
(mm)
(mm)
(mm2)
(mm)
(mm)
1 x 0.42
0.42
00.14
18 x 0.10
–
8 x 0.15
–
1 x 0.50
0.50
00.20
11 x 0.15
–
26 x 0.10
–
1 x 0.60
0.60
00.25
14 x 0.15
–
1 x 0.67
0.67
00.35
7 x 0.26
0.80
12 x 0.21
0.90
1 x 0.80
0.80
00.50
7 x 0.30
0.90
16 x 0.21
1.00
1 x 1.00
1.00
0
0.75
24 x 0.20
1.20
1 x 1.13
1.13
0
1.00
32 x 0.20
1.30
1 x 1.38
1.38
01.50
7 x 0.52
1.60
30 x 0.25
1.60
1 x 1.78
1.78
02.50
7 x 0.67
2.00
50 x 0.25
2.10
1 x 2.26
2.26
04.00
19 x 0.52
2.60
56 x 0.30
2.80
1 x 2.26
2.26
06.00
19 x 0.64
3.20
84 x 0.30
3.50
1 x 3.57
3.57
7 x 1.35
4.10
10.00
49 x 0.51
4.60
80 x 0.40
5.00
1 x 4.52
4.52
7 x 1.70
5.10
16.00
49 x 0.65
5.90
127 x 0.40
6.00
0.00
0.00
1 x 5.64
5.64
7 x 2.13
6.40
025.0
84 x 0.62
7.70
200 x 0.40
7.50
797 x 0.20
7.60
19 x 1.53
7.70
133 x 0.58
8.70
035.0
280 x 0.40
8.70
1115 x 0.20
9.00
19 x 1.83
9.20
133 x 0.69
10.40
0
50.0
400 x 0.40
11.00
1592 x 0.20
11.00
19 x 2.17
11.00
189 x 0.69
12.70
070.0
560 x 0.40
12.00
1427 x 0.25
12.50
19 x 2.52
12.60
259 x 0.69
14.50
0
95.0
485 x 0.50
14.90
1936 x 0.25
14.90
37 x 2.03
14.20
336 x 0.67
16.40
120.0
614 x 0.50
16.00
2445 x 0.25
16.40
37 x 2.26
15.80
392 x 0.69
18.00
150.0
765 x 0.50
19.20
2123 x 0.30
19.30
37 x 2.52
18.00
494 x 0.69
19.00
185.0
944 x 0.44
20.00
2618 x 0.30
21.00
61 x 2.24
20.50
627 x 0.69
22.00
240.0
1225 x 0.50
23.00
3396 x 0.30
24.00
61 x 2.50
23.00
300.0
790 x 0.69
25.00
1530 x 0.50
27.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com