Electronic Components Datasheet Search
  English  ▼

X  

PIDG Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # PIDG
Description  Pre-Insulated Diamond Grip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PIDG Datasheet(HTML) 6 Page - TE Connectivity Ltd

Back Button PIDG Datasheet HTML 2Page - TE Connectivity Ltd PIDG Datasheet HTML 3Page - TE Connectivity Ltd PIDG Datasheet HTML 4Page - TE Connectivity Ltd PIDG Datasheet HTML 5Page - TE Connectivity Ltd PIDG Datasheet HTML 6Page - TE Connectivity Ltd PIDG Datasheet HTML 7Page - TE Connectivity Ltd PIDG Datasheet HTML 8Page - TE Connectivity Ltd PIDG Datasheet HTML 9Page - TE Connectivity Ltd PIDG Datasheet HTML 10Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Ring Tongue Terminals – Vinyl
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-6
Ring Tongue Terminals – Insulation Restricting
, 16–14HD,
.050
.343
.281
.961
1.135
.300
35363
–
(1.04–2.62)
1.27
10
8.71
7.14
24.41 28.83
7.62
6
.375
.302
.982
1.172
.300
35604
–
M3.5
9.53
7.67
24.94 29.77
7.62
8
.375
.302
.982
1.172
.300
35605
2-35605-2
M4
9.53
7.67
24.94 29.77
7.62
.375
.302
.982
1.172
.300
35364
–
10
9.53
7.67
24.94 29.77
7.62
12–10
.042
.500
.344
1.024 1.277
.300
323763
–
(2.62–6.64)
1.07
1/4
12.70
8.74
26.01 32.44
7.62
M6
.531
.468
1.148 1.416
.300
35345
2-35345-1
13.49 11.89 29.16 35.97
7.62
5/16
.531
.468
1.148 1.416
.300
35346
2-35346-1
M8
13.49 11.89 29.16 35.97
7.62
3/8
.593
.531
1.211 1.510
.300
35478
1-35478-0
15.06 13.49 30.76 38.35
7.62
, Heavy duty for extra mechanical strength.
Note: “C” dimension applies from edge of metal wire barrel to centre of stud hole.
24
.020
4
.203
.211
.587
.691
.031–.055
2-323914-2
–
(0.24)
0.51
5.16
5.36
14.91 17.55
0.79–1.40
4
.218
.156
.622
.734
.038–.110
52273-2
–
5.54
3.96
15.80 18.64
0.97–2.79
.218
.156
.622
.734
.038–.110
2-36149-3
–
6
5.54
3.96
15.80 18.64
0.97–2.79
22
.033
M3.5
.250
.250
.716
.844
.038–.110
- 51863-2
–
(0.38)
0.84
6.35
6.35
18.19 21.44
0.97–2.79
8
.312
.281
.747
.906
.038–.110
1-320551-2
–
M4
7.92
7.14
18.97 23.01
0.97–2.79
.031
10
.312
.281
.747
.906
.038–.110
2-36153-3
–
0.79
7.92
7.14
18.97 23.01
0.97–2.79
Note: “C” dimension applies from edge of metal wire barrel to centre of stud hole.
L
E
C
W
Wire Size
AWG
(mm2)
Terminal
Insulation
Color
Wire
Insulation
Diameter
Max.
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
Min.
Max.
Max.
Part Numbers
Loose
Tape
Piece
Mounted
Wire Size
AWG
(mm2)
Terminal
Insulation
Color
Solid/Stripe
Wire
Insulation
Diameter
Range
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
Min.
Max.
Max.
Part Numbers
Loose
Tape
Piece
Mounted
L
E
C
W
Material and Finish
Insulation:
Vinyl acc. UL 94 V-0
Terminal Body and Metallic Sleeve:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545
Metallic Sleeve:
Copper per ASTM B-152
Plating:
Nickel per QQ-N-290 or
Tin per ASTM B-545



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com