Electronic Components Datasheet Search
  English  ▼

X  

M0519LE3AE Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # M0519LE3AE
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519LE3AE Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button M0519LE3AE Datasheet HTML 19Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 20Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 21Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 22Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 23Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 24Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 25Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 26Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
M0519
Nov. 02, 2016
Page 23 of 69
Rev 1.02
5
BLOCK DIAGRAM
Bridge
Clock Control
HS Osc.
22.1184 MHz
LS Osc.
10 kHz
HS Ext. Crystal
Osc. 4~24 MHz
PLL
GPIO
General Purpose I/O
External Interrupt
Reset Pin
Power-on Reset
LDO
Power Control
Brown-out Detection
LVR
Connectivity
UART x 2
I²C
SPI x 3
2 sets of 12-bit
ADC x 8
Analog Interface
Operating Amp. x 2
Comparators x 3
APROM 128/64 KB
LDROM 8 KB
Data Flash 4 KB
SRAM 16 KB
Memory
ARM®
Cortex® -M0
72 MHz
EPWM
Timer x 12
Watchdog
Timers
BPWM Timer x 2
Timer / PWM
32-bit
Timer x 4
ICAP
Timer x 2
AHB Bus
APB Bus
Figure 5-1 NuMicro
® M0519 Series Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com