Electronic Components Datasheet Search
  English  ▼

X  

M0519LE3AE Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # M0519LE3AE
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519LE3AE Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button M0519LE3AE Datasheet HTML 24Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 25Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 26Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 27Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 28Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 29Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 30Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 31Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
M0519
Nov. 02, 2016
Page 28 of 69
Rev 1.02
6.2.4
System Memory Map
The NuMicro
® M0519 Series provides 4G-byte addressing space. The memory locations assigned
to each on-chip controllers are shown in Table 6-1. The detailed register definition, memory
space, and programming detailed will be described in the following sections for each on-chip
peripheral. The NuMicro
® M0519 Series only supports little-endian data format.
Address Space
Token
Controllers
Flash and SRAM Memory Space
0x0000_0000
– 0x0001_FFFF
FLASH_BA
FLASH Memory Space (128 KB)
0x2000_0000
– 0x2000_3FFF
SRAM_BA
SRAM Memory Space (16 KB)
AHB Controllers Space (0x5000_0000
– 0x501F_FFFF)
0x5000_0000
– 0x5000_01FF
GCR_BA
System Global Control Registers
0x5000_0200
– 0x5000_02FF
CLK_BA
Clock Control Registers
0x5000_0300
– 0x5000_03FF
INT_BA
Interrupt Multiplexer Control Registers
0x5000_4000
– 0x5000_7FFF
GPIO_BA
GPIO Control Registers
0x5000_C000
– 0x5000_FFFF
FMC_BA
Flash Memory Control Registers
0x5001_4000
– 0x5001_7FFF
HDIV_BA
Hardware Divider Register
APB1 Controllers Space (0x4000_0000 ~ 0x400F_FFFF)
0x4000_4000
– 0x4000_7FFF
WDT_BA
Watchdog Timer Control Registers
0x4000_4100
– 0x4000_7FFF
WWDT_BA
Window Watchdog Timer Control Registers
0x4001_0000
– 0x4001_3FFF
TMR01_BA
Timer0/Timer1 Control Registers
0x4002_0000
– 0x4002_3FFF
I2C0_BA
I
2C0 Interface Control Registers
0x4003_0000
– 0x4003_3FFF
SPI0_BA
SPI0 with master/slave function Control Registers
0x4003_4000
– 0x4003_7FFF
SPI1_BA
SPI1 with master/slave function Control Registers
0x4004_0000
– 0x4004_3FFF
BPWM0_BA
Basic PWM0 Control Registers
0x4005_0000
– 0x4005_3FFF
UART0_BA
UART0 Control Registers
0x400D_0000
– 0x400D_3FFF
ACMP_BA
Analog Comparator Control Registers
0x400E_0000
– 0x400E_3FFF
EADC_BA
Enhanced Analog-Digital-Converter (EADC) Control Registers
0x400F_0000
– 0x400F_3FFF
OPA_BA
Operation Amplifier Control Registers
APB2 Controllers Space (0x4010_0000 ~ 0x401F_FFFF)
0x4011_0000
– 0x4011_3FFF
TMR23_BA
Timer2/Timer3 Control Registers
0x4013_0000
– 0x4013_3FFF
SPI2_BA
SPI2 with master/slave function Control Registers
0x4015_0000
– 0x4015_3FFF
UART1_BA
UART1 Control Registers
Reserved
Reserved
Reserved
0x4019_0000
– 0x4019_3FFF
EPWM0_BA
Enhanced PWM0 Control Registers
0x4019_4000
– 0x4019_7FFF
EPWM1_BA
Enhanced PWM1 Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com