Electronic Components Datasheet Search
  English  ▼

X  

M0519LE3AE Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # M0519LE3AE
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519LE3AE Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button M0519LE3AE Datasheet HTML 33Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 34Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 35Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 36Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 37Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 38Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 39Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 40Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 69 page
background image
M0519
Nov. 02, 2016
Page 37 of 69
Rev 1.02
1
0
PLLCON[19]
22.1184
MHz
4~12
MHz
PLLFOUT
111
011
010
001
4~24 MHz
Reserved
4~24 MHz
HCLK
22.1184 MHz
000
1/2
1/2
1/2
CLKSEL0[5:3]
1
0
SysTick
TMR3
EADC
UART0-1
ACMP
I2C
WDT
TMR0
TMR1
TMR2
CPU
FMC
10 kHz
111
011
010
001
PLLFOUT
Reserved
4~24 MHz
10 kHz
22.1184 MHz
000
CLKSEL0[2:0]
SYST_CSR[2]
CPUCLK
1/(HCLK_N+1)
PCLK
CPUCLK
HCLK
22.1184 MHz
WWDT
10 kHz
1/(EADC_N+1)
11
10
CLKSEL1[1:0]
HCLK
1/2048
1/(UART_N+1)
22.1184 MHz
4~24 MHz
01
11
01
00
PLLFOUT
4~24 MHz
22.1184 MHz
CLKSEL1[25:24]
1
0
SPI0
CLKSEL1[4]
CLKSEL1[5]
CLKSEL1[6]
HCLK
11
10
01
00
HCLK
4~24 MHz
22.1184 MHz
Reserved
CLKSEL2[3:2]
FRQDIV
BOD
10 kHz
11
10
CLKSEL2[17:16]
10 kHz
00
HCLK
1/512
HCLK
1/128
PCLK
EPWM1
BPWM0
EPWM0
SPI1
SPI2
PLLFOUT
OPA
ECAP0
ECAP1
MDU
QEI0
QEI1
Note: Before clock switching, both the pre-selected and newly selected clock sources must
be turned on and stable.
Figure 6-4 Clock Generator Global View Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com