Electronic Components Datasheet Search
  English  ▼

X  

M0519LE3AE Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # M0519LE3AE
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519LE3AE Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button M0519LE3AE Datasheet HTML 61Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 62Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 63Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 64Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 65Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 66Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 67Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 68Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 69Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 67 / 69 page
background image
M0519
Nov. 02, 2016
Page 67 of 69
Rev 1.02
LQFP 48L (7x7x1.4mm footprint 2.0mm)
8.3
1
12
48
H
H
Controlling dim ension : Millimeters
0.10
0
7
0
0.004
1.00
0.75
0.60
0.45
0.039
0.030
0.024
0.018
9.10
9.00
8.90
0.358
0.354
0.350
0.50
0.20
0.25
1.45
1.40
0.10
0.15
1.35
0.008
0.010
0.057
0.055
0.026
7.10
7.00
6.90
0.280
0.276
0.272
0.004
0.006
0.053
Symbol
Min Nom Max
Max
Nom
Min
Dimension in inch
Dimension in mm
A
b
c
D
e
HD
HE
L
Y
0
A
A
L1
1
2
E
0.008
0.006
0.15
0.20
7
0.020
0.35
0.65
0.10
0.05
0.002 0.004
0.006
0.15
9.10
9.00
8.90
0.358
0.354
0.350
7.10
7.00
6.90
0.280
0.276
0.272
0.014
37
36
25
24
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com