Electronic Components Datasheet Search
  English  ▼

X  

M0519LE3AE Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # M0519LE3AE
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519LE3AE Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button M0519LE3AE Datasheet HTML 37Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 38Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 39Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 40Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 41Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 42Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 43Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 44Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 69 page
background image
M0519
Nov. 02, 2016
Page 41 of 69
Rev 1.02
Basic PWM Generator and Capture Timer (BPWM)
6.7
6.7.1
Overview
The NuMicro
® M0519 series has 1 set of BPWM group (BPWM0), supporting 1 set of BPWM
generators that can be configured as 2 independent BPWM outputs, BPWM0_CH0 and
BPWM0_CH1, or as 1 complementary BPWM pairs, (BPWM0_CH0, BPWM0_CH1) with
programmable dead-zone generator.
The BPWM generator has one 8-bit prescaler, one clock divider with 5 divided frequencies (1, 1/2,
1/4, 1/8, 1/16), two BPWM Timers including two clock selectors, two 16-bit BPWM down-counters
for BPWM period control, two 16-bit comparators for BPWM duty control and one dead-zone
generator. The BPWM generator provides two independent BPWM interrupt flags which are set
by hardware when the corresponding BPWM period down counter reaches zero.
Each BPWM interrupt source with its corresponding enable bit can cause CPU to request BPWM
interrupt. The BPWM generators can be configured as one-shot mode to produce only one
BPWM cycle signal or auto-reload mode to output BPWM waveform continuously. BPWM can be
used to trigger EADC when operation in center-aligned mode.
6.7.2
Features
BPWM Function:
6.7.2.1
Up to 1 BPWM group to support 2 BPWM channels or 1 BPWM paired channels.
Supports 8-bit prescaler from 1 to 255
Up to 16-bit resolution BPWM timer
PWM timer supports edge-aligned and center-aligned operation type
One-shot or Auto-reload mode BPWM
PWM Interrupt request synchronized with BPWM period or duty
Supports dead-zone generator with 8-bit resolution for BPWM paired channels
Supports trigger EADC
Capture Function:
6.7.2.2
Supports 2 Capture input channels shared with 2 BPWM output channels
Supports rising or falling capture condition
Supports rising or falling capture interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com