Electronic Components Datasheet Search
  English  ▼

X  

M0519LE3AE Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # M0519LE3AE
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519LE3AE Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button M0519LE3AE Datasheet HTML 40Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 41Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 42Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 43Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 44Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 45Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 46Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 47Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
M0519
Nov. 02, 2016
Page 44 of 69
Rev 1.02
Watchdog Timer (WDT)
6.10
6.10.1 Overview
The purpose of Watchdog Timer (WDT) is to perform a system reset when system runs into an
unknown state. This prevents system from hanging for an infinite period of time. Besides, this
Watchdog Timer supports the function to wake-up system from Idle/Power-down mode.
6.10.2 Features
18-bit free running up counter for WDT time-out interval
Selectable time-out interval (2
4 ~ 218) and the time-out interval is 1.6 ms ~ 26.214 s if
WDT_CLK =
10 kHz
System kept in reset state for a period of (1 / WDT_CLK) * 63
Supports selectable WDT reset delay period, including 1026、130、18 or 3 WDT_CLK reset
delay period
Supports to force WDT enabled after chip powered on or reset by setting CWDTEN in
Config0 register
Supports WDT time-out wake-up function only if WDT clock source is selected as
10 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com