Electronic Components Datasheet Search
  English  ▼

X  

CS497014 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS497014
Description  High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS497014 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS497014 Datasheet HTML 6Page - Cirrus Logic CS497014 Datasheet HTML 7Page - Cirrus Logic CS497014 Datasheet HTML 8Page - Cirrus Logic CS497014 Datasheet HTML 9Page - Cirrus Logic CS497014 Datasheet HTML 10Page - Cirrus Logic CS497014 Datasheet HTML 11Page - Cirrus Logic CS497014 Datasheet HTML 12Page - Cirrus Logic CS497014 Datasheet HTML 13Page - Cirrus Logic CS497014 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
CS4970x4 Data Sheet
32-bit High Definition Audio Decoder DSP Family
DS752F1
10
5.5 Thermal Data (128-pin LQFP)
Notes: 1. Two-layer board is specified as a 76 mm X 114 mm, 1.6 mm thick FR-4 material with 1-oz. copper covering 20% of the top and
bottom layers.
2.
Four-layer board is specified as a 76 mm X 114 mm, 1.6 mm thick FR-4 material with 1-oz. copper covering 20% of the top and
bottom layers and 0.5-oz. copper covering 90% of the internal power plane and ground plane layers.
3.
To calculate the die temperature for a given power dissipation
j = Ambient Temperature + [ (Power Dissipation in Watts) * ja ]
4.
To calculate the case temperature for a given power dissipation
c = j - [ (Power Dissipation in Watts) *  jt
Parameter
Symbol
Min
Typ
Max
Unit
Thermal Resistance (Junction to Ambient)
Two-layer Board1
Four-layer Board2
ja
—
—
53
44
—
—
°C / Watt
Thermal Resistance (Junction to Top of Package)
Two-layer Board1
Four-layer Board2
jt
—
—
.45
.39
—
—
°C / Watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com