Electronic Components Datasheet Search
  English  ▼

X  

CS497014 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS497014
Description  High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS497014 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS497014 Datasheet HTML 12Page - Cirrus Logic CS497014 Datasheet HTML 13Page - Cirrus Logic CS497014 Datasheet HTML 14Page - Cirrus Logic CS497014 Datasheet HTML 15Page - Cirrus Logic CS497014 Datasheet HTML 16Page - Cirrus Logic CS497014 Datasheet HTML 17Page - Cirrus Logic CS497014 Datasheet HTML 18Page - Cirrus Logic CS497014 Datasheet HTML 19Page - Cirrus Logic CS497014 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
CS4970x4 Data Sheet
32-bit High Definition Audio Decoder DSP Family
DS752F1
16
5.12 Switching Characteristics — Serial Control Port - I2C Master Mode
Figure 6. Serial Control Port - I2C Master Mode Timing
5.13 Switching Characteristics — Parallel Control Port - Intel Slave Mode
Parameter
Symbol
Min
Max
Units
SCP_CLK frequency1
1. The specification fiicck indicates the maximum speed of the hardware. The system designer should be aware that the actual
maximum speed of the communication port may be limited by the firmware application.
fiicck
—
400
kHz
SCP_CLK low time
tiicckl
1.25
—
µs
SCP_CLK high time
tiicckh
1.25
—
µs
SCP_SCK rising to SCP_SDA rising or falling for START or STOP
condition
tiicckcmd
1.25
—
µs
START condition to SCP_CLK falling
tiicstscl
1.25
—
µs
SCP_CLK falling to STOP condition
tiicstp
2.5
—
µs
Bus free time between STOP and START conditions
tiicbft
3—
µs
Setup time SCP_SDA input valid to SCP_CLK rising
tiicsu
100
—
ns
Hold time SCP_SDA input after SCP_CLK falling2
2. This parameter is measured from the ViL level at the falling edge of the clock.
tiich
0—
ns
SCP_CLK low to SCP_SDA out valid
tiicdov
—36
ns
Parameter
Symbol Min
Typical
Max
Unit
Address setup before PCP_CS and PCP_RD low or PCP_CS and
PCP_WR low
tias
5—
—
ns
Address hold time after PCP_CS and PCP_RD low or PCP_CS and
PCP_WR high
tiah
5—
—
ns
Read
SCP_CLK
SCP_SDA
0
1
6780
1
7
tiicckl
tiicckh
tiicsu
tiich
A6
A0
R/W
ACK
LSB
8
ACK
MSB
tiicstp
6
tiicdov
tiicb
tiicstscl
tiicckcmd
fiicck
tiicckcmd
tiicf
tiicr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com