Electronic Components Datasheet Search
  English  ▼

X  

EPF8282AV Datasheet(PDF) 57 Page - Altera Corporation

Part # EPF8282AV
Description  PROGRAMMABLE LOGIC DEVICES FAMILY
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 57 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 53Page - Altera Corporation EPF8282AV Datasheet HTML 54Page - Altera Corporation EPF8282AV Datasheet HTML 55Page - Altera Corporation EPF8282AV Datasheet HTML 56Page - Altera Corporation EPF8282AV Datasheet HTML 57Page - Altera Corporation EPF8282AV Datasheet HTML 58Page - Altera Corporation EPF8282AV Datasheet HTML 59Page - Altera Corporation EPF8282AV Datasheet HTML 60Page - Altera Corporation EPF8282AV Datasheet HTML 61Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
Altera Corporation
57
FLEX 8000 Programmable Logic Device Family Data Sheet
3
DATA5
152
129
F17
169
174
172
DATA4
154
127
E17
165
172
170
DATA3
157
124
G15
162
171
168
DATA2
159
122
F15
160
167
166
DATA1
11
115
E16
149
165
163
DATA0
12
113
C16
147
162
161
SDOUT
(3)
128
152
C7
(9)
198
124
119
TDI
(4)
–
55
R11
72
20
–
TDO
(4)
–
95
B9
120
129
–
TCK
(4)
–
57U8
7430
–
TMS
(4)
–
59U7
7632
–
TRST
(6)
–
40R3
5454
–
Dedicated
Inputs
(8)
5, 36, 85, 116
6, 35, 87, 116 A5, U5, U13,
A13
7, 45, 112,
150
17, 36, 121,
140
13, 41, 116,
146
VCCINT
(5.0 V)
21, 41, 53, 67,
80, 81, 100, 121,
133, 147, 160
4, 5, 26, 85,
106
C8, C9, C10,
R8, R9, R10,
R14
5, 6, 33, 110,
137
5, 6, 27, 48,
119, 141
4, 20, 35, 48,
50, 102, 114,
131, 147
VCCIO
(5.0 V or
3.3 V)
–
25, 41, 60, 70,
80, 107, 121,
140, 149, 160
D3, D4, D9,
D14, D15, G4,
G14, L4, L14,
P4, P9, P14
32, 55, 78, 91,
102, 138, 159,
182, 193, 206
26, 55, 69, 87,
102, 131, 159,
173, 191, 206
3, 19, 34, 49,
69, 87, 106,
123, 140, 156,
174, 192
GND
13, 14, 28, 46,
60, 75, 93, 107,
108, 126, 140,
155
15, 16, 36, 37,
45, 51, 75, 84,
86, 96, 97,
117, 126, 131,
154
C4, D7, D8,
D10, D11, H4,
H14, K4, K14,
P7, P8, P10,
P11
19, 20, 46, 47,
60, 67, 96,
109, 111, 124,
125, 151, 164,
171, 200
15, 16, 37, 38,
60, 78, 96,
109, 110, 120,
130, 142, 152,
164, 182, 200
11, 12, 27, 28,
42, 43, 60, 78,
96, 105, 115,
122, 132, 139,
148, 155, 159,
165, 183, 201
No Connect
(N.C.)
2, 3, 38, 39, 70,
82, 83, 118, 119,
148
2, 39, 82, 119 C6, C12, C13,
C14, E3, E15,
F3, J3, J4,
J14, J15, N3,
N15, P3, P15,
R4
(10)
1, 2, 3, 16, 17,
18, 25, 26, 27,
34, 35, 36, 50,
51, 52, 53,
104, 105, 106,
107, 121, 122,
123, 130, 131,
132, 139, 140,
141, 154, 155,
156, 157, 208
1, 2, 3, 50, 51,
52, 53, 104,
105, 106, 107,
154, 155, 156,
157, 208
1, 2, 51, 52, 53,
54, 103, 104,
157, 158, 207,
208
Total User
I/O Pins
116
114
132, 148
(11)
132
148
144
Table 16. FLEX 8000 160-, 192- & 208-Pin Package Pin-Outs (Part 2 of 2)
Pin Name
160-Pin
PQFP
EPF8452A
160-Pin
PQFP
EFP8636A
192-Pin PGA
EPF8636A
EPF8820A
208-Pin
PQFP
EPF8636A
(1)
208-Pin
PQFP
EPF8820A
(1)
208-Pin
PQFP
EPF81188A
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com