Electronic Components Datasheet Search
  English  ▼

X  

EPF8282AV Datasheet(PDF) 15 Page - Altera Corporation

Part # EPF8282AV
Description  PROGRAMMABLE LOGIC DEVICES FAMILY
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 15 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 11Page - Altera Corporation EPF8282AV Datasheet HTML 12Page - Altera Corporation EPF8282AV Datasheet HTML 13Page - Altera Corporation EPF8282AV Datasheet HTML 14Page - Altera Corporation EPF8282AV Datasheet HTML 15Page - Altera Corporation EPF8282AV Datasheet HTML 16Page - Altera Corporation EPF8282AV Datasheet HTML 17Page - Altera Corporation EPF8282AV Datasheet HTML 18Page - Altera Corporation EPF8282AV Datasheet HTML 19Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
Altera Corporation
15
FLEX 8000 Programmable Logic Device Family Data Sheet
3
Asynchronous Clear
A register is cleared by one of the two LABCTRL signals. When the CLRn
port receives a low signal, the register is set to zero.
Asynchronous Preset
An asynchronous preset is implemented as either an asynchronous load
or an asynchronous clear. If DATA3 is tied to VCC, asserting LABCTRLl
asynchronously loads a 1 into the register. Alternatively, the
MAX+PLUS II software can provide preset control by using the clear and
inverting the input and output of the register. Inversion control is
available for the inputs to both LEs and IOEs. Therefore, if a register is
preset by only one of the two LABCTRL signals, the DATA3 input is not
needed and can be used for one of the LE operating modes.
Asynchronous Clear & Preset
When implementing asynchronous clear and preset, LABCTRL1 controls
the preset and LABCTRL2 controls the clear. The DATA3 input is tied to VCC;
therefore, asserting LABCTRL1 asynchronously loads a 1 into the register,
effectively presetting the register. Asserting LABCTRL2 clears the register.
Asynchronous Load with Clear
When implementing an asynchronous load with the clear, LABCTRL1
implements the asynchronous load of DATA3 by controlling the register
preset and clear. LABCTRL2 implements the clear by controlling the
register clear.
Asynchronous Load with Preset
When implementing an asynchronous load in conjunction with a preset,
the MAX+PLUS II software provides preset control by using the clear and
inverting the input and output of the register. Asserting LABCTRL2 clears
the register, while asserting LABCTRL1 loads the register. The
MAX+PLUS II software inverts the signal that drives the DATA3 signal to
account for the inversion of the register’s output.
Asynchronous Load without Clear or Preset
When implementing an asynchronous load without the clear or preset,
LABCTRL1
implements the asynchronous load of DATA3 by controlling the
register preset and clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com