Electronic Components Datasheet Search
  English  ▼

X  

EPF8282AV Datasheet(PDF) 34 Page - Altera Corporation

Part # EPF8282AV
Description  PROGRAMMABLE LOGIC DEVICES FAMILY
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 34 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 30Page - Altera Corporation EPF8282AV Datasheet HTML 31Page - Altera Corporation EPF8282AV Datasheet HTML 32Page - Altera Corporation EPF8282AV Datasheet HTML 33Page - Altera Corporation EPF8282AV Datasheet HTML 34Page - Altera Corporation EPF8282AV Datasheet HTML 35Page - Altera Corporation EPF8282AV Datasheet HTML 36Page - Altera Corporation EPF8282AV Datasheet HTML 37Page - Altera Corporation EPF8282AV Datasheet HTML 38Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
34
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
Notes to tables:
(1)
Internal timing parameters cannot be measured explicitly. They are worst-case delays based on testable and
external parameters specified by Altera. Internal timing parameters should be used for estimating device
performance. Post-compilation timing simulation or timing analysis is required to determine actual worst-case
performance.
(2)
These values are specified under “FLEX 8000 3.3-V Device Recommended Operating Conditions” on page 29.
(3)
For the tOD3 and tZX3 parameters, VCCIO = 3.3 V or 5.0 V.
(4)
The tROW and tDIN_D delays are worst-case values for typical applications. Post-compilation timing simulation or
timing analysis is required to determine actual worst-case performance.
(5)
External reference timing characteristics are factory-tested, worst-case values specified by Altera. A representative
subset of signal paths is tested to approximate typical device applications.
(6)
For more information on test conditions, see Application Note 76 (Understanding FLEX 8000 Timing) in this data book.
(7)
This parameter is a guideline that is sample-tested only and is based on extensive device characterization. This
parameter applies to global and non-global clocking, and for LE and I/O element registers.
The FLEX 8000 timing model shows the delays for various paths and
functions in the circuit. See Figure 19. This model contains three distinct
parts: the LE; the IOE; and the interconnect, including the row and column
FastTrack Interconnect, LAB local interconnect, and carry and cascade
interconnect paths. Each parameter shown in Figure 19 is expressed as a
worst-case value in the “Timing Parameters” tables in this data sheet.
Hand-calculations that use the FLEX 8000 timing model and these timing
parameters can be used to estimate FLEX 8000 device performance.
Timing simulation or timing analysis after compilation is required to
determine the final worst-case performance. Table 12 summarizes the
interconnect paths shown in Figure 19.
f For more information on timing parameters, go to Application Note 76
(Understanding FLEX 8000 Timing) in this data book.
Table 12. FLEX 8000 Timing Model Interconnect Paths
Source
Destination
Total Delay
LE-Out
LE in same LAB
tLOCAL
LE-Out
LE in same row, different LAB
tROW + tLOCAL
LE-Out
LE in different row
tCOL + tROW + tLOCAL
LE-Out
IOE on column
tCOL
LE-Out
IOE on row
tROW
IOE on row
LE in same row
tROW + tLOCAL
IOE on column
Any LE
tCOL + tROW + tLOCAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com