Electronic Components Datasheet Search
  English  ▼

X  

EPF8282AV Datasheet(PDF) 24 Page - Altera Corporation

Part # EPF8282AV
Description  PROGRAMMABLE LOGIC DEVICES FAMILY
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 24 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 20Page - Altera Corporation EPF8282AV Datasheet HTML 21Page - Altera Corporation EPF8282AV Datasheet HTML 22Page - Altera Corporation EPF8282AV Datasheet HTML 23Page - Altera Corporation EPF8282AV Datasheet HTML 24Page - Altera Corporation EPF8282AV Datasheet HTML 25Page - Altera Corporation EPF8282AV Datasheet HTML 26Page - Altera Corporation EPF8282AV Datasheet HTML 27Page - Altera Corporation EPF8282AV Datasheet HTML 28Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
24
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
MultiVolt I/O Interface
The FLEX 8000 device architecture supports the MultiVolt I/O interface
feature, which allows EPF81500A, EPF81188A, EPF8820A, and EPF8636A
devices to interface with systems with differing supply voltages. These
devices in all packages—except for EPF8636A devices in 84-pin PLCC
packages—can be set for 3.3-V or 5.0-V I/O pin operation. These devices
have one set of VCC pins for internal operation and input buffers
(VCCINT), and another set for I/O output drivers (VCCIO).
The VCCINT pins must always be connected to a 5.0-V power supply. With
a 5.0-V VCCINT level, input voltages are at TTL levels and are therefore
compatible with 3.3-V and 5.0-V inputs.
The VCCIO pins can be connected to either a 3.3-V or 5.0-V power supply,
depending on the output requirements. When the VCCIO pins are
connected to a 5.0-V power supply, the output levels are compatible with
5.0-V systems. When the VCCIO pins are connected to a 3.3-V power
supply, the output high is at 3.3 V and is therefore compatible with 3.3-V
or 5.0-V systems. Devices operating with VCCIO levels lower than 4.75 V
incur a nominally greater timing delay of tOD2 instead of tOD1. See Table 7
on page 26.
IEEE 1149.1
(JTAG)
Boundary-Scan
Support
The EPF8282A, EPF8282AV, EPF8636A, EPF8820A, and EPF81500A
devices provide JTAG BST circuitry. FLEX 8000 devices with JTAG
circuitry support the JTAG instructions shown in Table 6. Figure 14
shows the timing requirements for the JTAG signals.
Table 6. EPF8282A, EPF8282AV, EPF8636A, EPF8820A & EPF81500A JTAG Instructions
JTAG Instruction
Description
SAMPLE/PRELOAD Allows a snapshot of the signals at the device pins to be captured and examined during
normal device operation, and permits an initial data pattern to be output at the device pins.
EXTEST
Allows the external circuitry and board-level interconnections to be tested by forcing a test
pattern at the output pins and capturing test results at the input pins.
BYPASS
Places the 1-bit bypass register between the TDI and TDO pins, which allows the BST
data to pass synchronously through the selected device to adjacent devices during
normal device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com