Electronic Components Datasheet Search
  English  ▼

X  

EPF8282AV Datasheet(PDF) 12 Page - Altera Corporation

Part # EPF8282AV
Description  PROGRAMMABLE LOGIC DEVICES FAMILY
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 12 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 8Page - Altera Corporation EPF8282AV Datasheet HTML 9Page - Altera Corporation EPF8282AV Datasheet HTML 10Page - Altera Corporation EPF8282AV Datasheet HTML 11Page - Altera Corporation EPF8282AV Datasheet HTML 12Page - Altera Corporation EPF8282AV Datasheet HTML 13Page - Altera Corporation EPF8282AV Datasheet HTML 14Page - Altera Corporation EPF8282AV Datasheet HTML 15Page - Altera Corporation EPF8282AV Datasheet HTML 16Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
12
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
Normal Mode
The normal mode is suitable for general logic applications and wide
decoding functions that can take advantage of a cascade chain. In normal
mode, four data inputs from the LAB local interconnect and the carry-in
signal are the inputs to a 4-input LUT. Using a configurable SRAM bit, the
MAX+PLUS II Compiler automatically selects the carry-in or the DATA3
signal as an input. The LUT output can be combined with the cascade-in
signal to form a cascade chain through the cascade-out signal. The LE-Out
signal—the data output of the LE—is either the combinatorial output of
the LUT and cascade chain, or the data output (Q)of the programmable
register.
Arithmetic Mode
The arithmetic mode offers two 3-input LUTs that are ideal for
implementing adders, accumulators, and comparators. One LUT
provides a 3-bit function; the other generates a carry bit. As shown in
Figure 6, the first LUT uses the carry-in signal and two data inputs from
the LAB local interconnect to generate a combinatorial or registered
output. For example, in an adder, this output is the sum of three bits: a, b,
and the carry-in. The second LUT uses the same three signals to generate
a carry-out signal, thereby creating a carry chain. The arithmetic mode
also supports a cascade chain.
Up/Down Counter Mode
The up/down counter mode offers counter enable, synchronous
up/down control, and data loading options. These control signals are
generated by the data inputs from the LAB local interconnect, the carry-in
signal, and output feedback from the programmable register. Two 3-input
LUTs are used: one generates the counter data, and the other generates the
fast carry bit. A 2-to-1 multiplexer provides synchronous loading. Data
can also be loaded asynchronously with the clear and preset register
control signals, without using the LUT resources.
Clearable Counter Mode
The clearable counter mode is similar to the up/down counter mode, but
supports a synchronous clear instead of the up/down control; the clear
function is substituted for the cascade-in signal in the up/down counter
mode. Two 3-input LUTs are used: one generates the counter data, and
the other generates the fast carry bit. Synchronous loading is provided by
a 2-to-1 multiplexer, and the output of this multiplexer is ANDed with a
synchronous clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com