Electronic Components Datasheet Search
  English  ▼

X  

EPF8282AV Datasheet(PDF) 58 Page - Altera Corporation

Part # EPF8282AV
Description  PROGRAMMABLE LOGIC DEVICES FAMILY
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 58 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 53Page - Altera Corporation EPF8282AV Datasheet HTML 54Page - Altera Corporation EPF8282AV Datasheet HTML 55Page - Altera Corporation EPF8282AV Datasheet HTML 56Page - Altera Corporation EPF8282AV Datasheet HTML 57Page - Altera Corporation EPF8282AV Datasheet HTML 58Page - Altera Corporation EPF8282AV Datasheet HTML 59Page - Altera Corporation EPF8282AV Datasheet HTML 60Page - Altera Corporation EPF8282AV Datasheet HTML 61Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 58 / 61 page
background image
58
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
Table 17. FLEX 8000 225-, 232-, 240-, 280- & 304-Pin Package Pin-Outs (Part 1 of 3)
Pin Name
225-Pin
BGA
EPF8820A
232-Pin
PGA
EPF81188A
240-Pin
PQFP
EPF81188A
240-Pin
PQFP
EPF81500A
280-Pin
PGA
EPF81500A
304-Pin
RQFP
EPF81500A
nSP
(2)
A15
C14
237
237
W1
304
MSEL0
(2)
B14
G15
21
19
N1
26
MSEL1
(2)
R15
L15
40
38
H3
51
nSTATUS
(2)
P2
L3
141
142
G19
178
nCONFIG
(2)
R1
R4
117
120
B18
152
DCLK
(2)
B2
C4
184
183
U18
230
CONF_DONE
(2)
A1
G3
160
161
M16
204
nWS
L4
P1
133
134
F18
167
nRS
K5
N1
137
138
G18
171
RDCLK
F1
G2
158
159
M17
202
nCS
D1
E2
166
167
N16
212
CS
C1
E3
169
170
N18
215
RDYnBUSY
J3
K2
146
147
J17
183
CLKUSR
G2
H2
155
156
K19
199
ADD17
M14
R15
58
56
E3
73
ADD16
L12
T17
56
54
E2
71
ADD15
M15
P15
54
52
F4
69
ADD14
L13
M14
47
45
G1
60
ADD13
L14
M15
45
43
H2
58
ADD12
K13
M16
43
41
H1
56
ADD11
K15
K15
36
34
J3
47
ADD10
J13
K17
34
32
K3
45
ADD9
J15
J14
32
30
K4
43
ADD8
G14
J15
29
27
L1
34
ADD7
G13
H17
27
25
L2
32
ADD6
G11
H15
25
23
M1
30
ADD5
F14
F16
18
16
N2
20
ADD4
E13
F15
16
14
N3
18
ADD3
D15
F14
14
12
N4
16
ADD2
D14
D15
7
5
U1
8
ADD1
E12
B17
5
3
U2
6
ADD0
C15
C15
3
1
V1
4
DATA7
A7
A7
205
199
W13
254
DATA6
D7
D8
203
197
W14
252
DATA5
A6
B7
200
196
W15
250
DATA4
A5
C7
198
194
W16
248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com