Electronic Components Datasheet Search
  English  ▼

X  

EPF8282AV Datasheet(PDF) 60 Page - Altera Corporation

Part # EPF8282AV
Description  PROGRAMMABLE LOGIC DEVICES FAMILY
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 60 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 53Page - Altera Corporation EPF8282AV Datasheet HTML 54Page - Altera Corporation EPF8282AV Datasheet HTML 55Page - Altera Corporation EPF8282AV Datasheet HTML 56Page - Altera Corporation EPF8282AV Datasheet HTML 57Page - Altera Corporation EPF8282AV Datasheet HTML 58Page - Altera Corporation EPF8282AV Datasheet HTML 59Page - Altera Corporation EPF8282AV Datasheet HTML 60Page - Altera Corporation EPF8282AV Datasheet HTML 61Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 60 / 61 page
background image
60
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
Notes to tables:
(1)
Perform a complete thermal analysis before committing a design to this device package. See Application Note 74
(Evaluating Power for Altera Devices) in this data book for more information.
(2)
This pin is a dedicated pin and is not available as a user I/O pin.
(3)
SDOUT
will drive out during configuration. After configuration, it may be used as a user I/O pin. By default, the
MAX+PLUS II software will not use SDOUT as a user I/O pin; the user can override the MAX+PLUS II software and
use SDOUT as a user I/O pin.
(4)
If the device is not configured to use the JTAG BST circuitry, this pin is available as a user I/O pin.
(5)
JTAG pins are available for EPF8636A devices only. These pins are dedicated user I/O pins.
(6)
TRST
is a dedicated input pin for JTAG use. This pin must be grounded if JTAG BST is not used.
(7)
Pin 52 is a VCC pin on EPF8452A devices only.
(8)
Unused dedicated inputs should be tied to ground on the board.
(9)
SDOUT
does not exist in the EPF8636GC192 device.
(10) These pins are no connect (N.C.) pins for EPF8636A devices only. They are user I/O pins in EPF8820A devices.
(11) EPF8636A devices have 132 user I/O pins; EPF8820A devices have 148 user I/O pins.
(12) For EPF81500A devices, these pins are dedicated JTAG pins and are not available as user I/O pins. If JTAG BST is
not used, TRST must be grounded. TMS, TDI, and TCK should be tied to VCC.
Revision
History
The information contained in the FLEX 8000 Programmable Logic Device
Family Data Sheet version 9.11 supersedes information published in
previous versions.
Version 9.11 Change
The FLEX 8000 Programmable Logic Device Family Data Sheet version 9.11
contains the following change: Figure 14 has been updated for accuracy.
No Connect
(N.C.)
–
–
61, 62, 119,
120, 181, 182,
239, 240
–
–
10, 21, 23, 25,
35, 37, 39, 40,
41, 42, 52, 55,
66, 68, 146,
147, 161, 173,
174, 176, 187,
188, 189, 190,
192, 194, 195,
205, 207, 219,
221, 233, 234,
235, 236, 302,
303
Total User I/O
Pins
148
180
180
177
204
204
Table 17. FLEX 8000 225-, 232-, 240-, 280- & 304-Pin Package Pin-Outs (Part 3 of 3)
Pin Name
225-Pin
BGA
EPF8820A
232-Pin
PGA
EPF81188A
240-Pin
PQFP
EPF81188A
240-Pin
PQFP
EPF81500A
280-Pin
PGA
EPF81500A
304-Pin
RQFP
EPF81500A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com