Electronic Components Datasheet Search
  English  ▼

X  

PC87372 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 26Page - National Semiconductor (TI) PC87372 Datasheet HTML 27Page - National Semiconductor (TI) PC87372 Datasheet HTML 28Page - National Semiconductor (TI) PC87372 Datasheet HTML 29Page - National Semiconductor (TI) PC87372 Datasheet HTML 30Page - National Semiconductor (TI) PC87372 Datasheet HTML 31Page - National Semiconductor (TI) PC87372 Datasheet HTML 32Page - National Semiconductor (TI) PC87372 Datasheet HTML 33Page - National Semiconductor (TI) PC87372 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 144 page
background image
30
www.national.com
Revision 1.2
3.0
Device Architecture and Configuration
The PC87372 device includes a collection of legacy and proprietary functional blocks. Each functional block is described in
a separate chapter. This chapter describes the structure of the PC87372 device and provides all logical device specific in-
formation, including specific implementation of generic blocks, system interface and device configuration.
3.1 OVERVIEW
The PC87372 consists of the following: up to eight logical devices, the host interface, the Glue Functions and a central set
of configuration registers. All of these components are built around a central internal bus. The internal bus is similar to an 8-
bit ISA bus protocol. See the Block Diagram on page 1, which illustrates the blocks and the internal bus.
The host, via the LPC Bus interface, can access the modules connected to the internal bus. This interface supports 8-bit I/O
Read/Write and 8-bit DMA transactions of the LPC bus (see Section 4.2 on page 62).
The central configuration register set is ACPI compliant and supports PnP configuration. The configuration registers are struc-
tured as a subset of the Plug and Play Standard registers, defined in Appendix A of the Plug and Play ISA Specification, Re-
vision 1.0a by Intel® and Microsoft®. All system resources assigned to the functional blocks (I/O address space, IRQ numbers
and DMA channels) are configured in and managed by the central configuration register set. In addition, some function-specific
parameters are configurable through the configuration registers and distributed to the functional blocks through special control
signals.
3.2 CONFIGURATION STRUCTURE AND ACCESS
The configuration structure is based on a set of banked registers that are accessed via a pair of specialized registers.
3.2.1
The Index-Data Register Pair
Access to the PC87372 configuration registers is via an Index-Data register pair, using only two system I/O byte locations.
The base address of this register pair is determined during reset according to the state of the hardware strapping option on
the BADDR pin. Table 7 shows the selected base addresses as a function of BADDR.
The Index register is an 8-bit read/write register located at the selected base address (Base+0). It is used as a pointer to the
configuration register file and holds the index of the configuration register that is currently accessible via the Data register.
Reading the Index register returns the last value written to it (or the default of 00h after reset).
The Data register is an 8-bit register (Base+1) used as a data path to any configuration register. Accessing the Data register
actually accesses the configuration register that is currently pointed to by the Index register.
Table 7. BADDR Strapping Options
BADDR
I/O Address
Index Register
Data Register
1 (default)
2Eh
2Fh
0
4Eh
4Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com