Electronic Components Datasheet Search
  English  ▼

X  

PC87372 Datasheet(PDF) 99 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 99 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 95Page - National Semiconductor (TI) PC87372 Datasheet HTML 96Page - National Semiconductor (TI) PC87372 Datasheet HTML 97Page - National Semiconductor (TI) PC87372 Datasheet HTML 98Page - National Semiconductor (TI) PC87372 Datasheet HTML 99Page - National Semiconductor (TI) PC87372 Datasheet HTML 100Page - National Semiconductor (TI) PC87372 Datasheet HTML 101Page - National Semiconductor (TI) PC87372 Datasheet HTML 102Page - National Semiconductor (TI) PC87372 Datasheet HTML 103Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 144 page
background image
7.0 Fan Speed Monitor (Continued)
99
www.national.com
Revision 1.2
7.3.5
Fan Speed Monitor Speed High Register (FMSPRH)
This register contains the high byte (bits 15-8) of the current fan speed value, which is updated once per fan revolution. It is
reset to 00h. FMSPRH register must be read last; see Section 7.3.4 on page 98.
Power Well: VDD3
Location:
Device specific
Type:
RO
7.3.6
Fan Speed Monitor Control and Status Register (FMCSR)
This register contains control and status bits of the Fan Speed Monitor unit. FMCSR is reset to 10h.
Power Well: VDD3
Location:
Device specific
Type:
Varies per bit
Bit
76
5
43210
Name
FAN_SPD_HIGH
Reset
0
0
0
00000
Bit
Description
7-0
FAN_SPD_HIGH (Fan Speed Value - High). This field contains the high byte of the current fan speed value.
See Section 7.3.4 on page 98 for the description of this field.
Bit
76543210
Name
TPPR
Reserved
FILTER_DIS
IRQ_EN
OVFLOW
OVR_THR
SPD_RDY
Reset
00010000
Bit
Type
Description
7
R/W
TPPR (Tachometer Pulses Per Revolution). This bit selects the number of pulses per fan revolution
generated by the tachometer and thus the division factor of the incoming pulses at the FANTACH pin.
0: Two pulses per revolution: division by 2 (default)
1: One pulse per revolution: no division
To prevent unpredictable results, the value of this bit can only be changed when the corresponding
FANMON_EN bit in FSMCF register is reset to 0 (see Section 3.14.3 on page 61).
6-5
–
Reserved.
4
R/W
FILTER_DIS (Filter Disable). When this bit is set to 1, the digital Low Pass Filter on the FANTACH
input is disabled.
0: Digital Low Pass Filter enabled
1: Digital Low Pass Filter disabled (default)
To prevent unpredictable results, the value of this bit can only be changed when the corresponding
FANMON_EN bit in FSMCF register is reset to 0 (see Section 3.14.3 on page 61).
3
R/W
IRQ_EN (Fan Interrupt Enable). This bit controls the routing of Overflow and Over Threshold events to
the FSM module interrupt.
0: Interrupt disabled (default)
1: Interrupt enabled. An interrupt is asserted when either OVR_THR bit or OVFLOW bit is set to 1.
2
R/W1C OVFLOW (Overflow). This bit indicates that the number of clock cycles counted during one full
revolution of the fan exceeds 65536 (FFFFh) clocks. This is equivalent to a fan speed slower than
29.3 RPM. At this speed, fan cooling is inefficient; therefore, the fan is considered stopped and an
interrupt (if enabled) is issued. Writing 1 to this bit clears it to 0.
0: No overflow occurred since the last time this bit was cleared by writing 1 (default)
1: Counter overflow (FFFFh) occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com