Electronic Components Datasheet Search
  English  ▼

X  

PC87372 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 27Page - National Semiconductor (TI) PC87372 Datasheet HTML 28Page - National Semiconductor (TI) PC87372 Datasheet HTML 29Page - National Semiconductor (TI) PC87372 Datasheet HTML 30Page - National Semiconductor (TI) PC87372 Datasheet HTML 31Page - National Semiconductor (TI) PC87372 Datasheet HTML 32Page - National Semiconductor (TI) PC87372 Datasheet HTML 33Page - National Semiconductor (TI) PC87372 Datasheet HTML 34Page - National Semiconductor (TI) PC87372 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 144 page
background image
3.0 Device Architecture and Configuration (Continued)
31
www.national.com
Revision 1.2
3.2.2
Banked Logical Device Registers Structure
Each functional block is associated with a Logical Device Number (LDN). The configuration registers are grouped into banks,
where each bank holds the standard configuration registers of the corresponding logical device. Table 8 shows the LDN val-
ues of the PC87372 functional blocks. Any value not listed is reserved.
Figure 5 shows the structure of the standard configuration register file. The LDN and PC87372 configuration registers are
not banked and are accessed by the Index-Data register pair only, as described above. However, the device control and
device configuration registers are duplicated over eight banks, corresponding to the eight logical devices. Therefore, access-
ing a specific register in a specific bank is performed by two-dimensional indexing, where the LDN register selects the bank
(or logical device) and the Index register selects the register within the bank. Accessing the Data register while the Index
register holds a value of 30h or higher actually accesses the configuration registers of the logical device selected by the LDN
register and pointed to by the Index register.
Figure 5. Structure of Standard Configuration Register File
Write accesses to unimplemented registers (i.e., accessing the Data register while the Index register points to a non-existing
register) are ignored. Read accesses return 00h on all addresses, except for 74h and 75h (DMA configuration registers),
which returns 04h (indicating no DMA channel). The configuration registers are accessible immediately after reset.
Table 8. Logical Device Number (LDN) Assignments
LDN
Functional Block
00h
Floppy Disk Controller (FDC)
01h
Parallel Port (PP)
03h
Serial Port (SP)
04h
System Wake-Up Control (SWC)
05h
Keyboard and Mouse Controller (KBC) - Mouse Interface
06h
Keyboard and Mouse Controller (KBC) - Keyboard Interface
07h
General-Purpose I/O (GPIO) Ports
09h
Fan Speed Monitor (FSM)
07h
20h
30h
60h
75h
FFh
Logical Device Number Register
SuperI/O Configuration Registers
Logical Device Control Register
Standard Logical Device
Special (Vendor-Defined)
Configuration Registers
Banks
2Fh
F0h
Bank Select
63h
74h
70h
71h
Configuration Registers
(One per Logical Device)
Logical Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com