Electronic Components Datasheet Search
  English  ▼

X  

PC87372 Datasheet(PDF) 58 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 58 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 54Page - National Semiconductor (TI) PC87372 Datasheet HTML 55Page - National Semiconductor (TI) PC87372 Datasheet HTML 56Page - National Semiconductor (TI) PC87372 Datasheet HTML 57Page - National Semiconductor (TI) PC87372 Datasheet HTML 58Page - National Semiconductor (TI) PC87372 Datasheet HTML 59Page - National Semiconductor (TI) PC87372 Datasheet HTML 60Page - National Semiconductor (TI) PC87372 Datasheet HTML 61Page - National Semiconductor (TI) PC87372 Datasheet HTML 62Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 144 page
background image
3.0 Device Architecture and Configuration (Continued)
58
www.national.com
Revision 1.2
3.13.5 GPIO Event Routing Register (GPEVR)
This register enables the routing of the GPIO event (see Section 5.3.2 on page 66) to an IRQ. An exception to this is GPIO14
pin of Port 1, which lacks the GPEVR register (the register is reserved). GPEVR is reset to 00h.
Power Well: VSB3
Location:
Index F2h
Type:
R/W or RO
4
R/W or
RO
EVTYPE (Event Type). This bit defines the type of the wake-up signal that issues an event from the
selected GPIO pin (see Section 5.3 on page 65).
0: Edge input (default)
1: Level input
3
R/W1S LOCKCFP (Lock Configuration of Pin). When set to 1, this bit locks the GPIO pin configuration and
data (see also Section 5.4 on page 67) by disabling writing to itself, to GPCFG1 register bits PUPCTL,
OUTTYPE and OUTENA, to all of the bits of GPCFG2 register and to the corresponding bit in GPDO
and GPDIO registers. Once set, this bit can be cleared by VDD3 Power-Up reset (or Hardware reset).
0: R/W bits are enabled for write (default)
1: All bits are RO
2
R/W or
RO
PUPCTL (Pull-Up Control). This bit controls the internal pull-up resistor of the selected GPIO pin (see
Section 5.2 on page 64).
0: Disabled (default)
1: Enabled
1
R/W or
RO
OUTTYPE (Output Type). This bit controls the output buffer type of the selected GPIO pin (see Section
5.2 on page 64).
0: Open-drain (default)
1: Push-pull
0
R/W or
RO
OUTENA (Output Enable). This bit controls the output buffer of the selected GPIO pin (see Section 5.2
on page 64).
0: TRI-STATE (default)
1: Output buffer enabled
Bit
76543210
Name
Reserved
EV2IRQ
Reset
00000000
Bit
Description
7-1
Reserved.
0
EV2IRQ (Event to IRQ Routing). Controls the routing of the event from the selected GPIO pin to IRQ (see
Section 5.3.2 on page 66).
0: Disabled (default)
1: Enabled
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com