Electronic Components Datasheet Search
  English  ▼

X  

PC87372 Datasheet(PDF) 109 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 109 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 105Page - National Semiconductor (TI) PC87372 Datasheet HTML 106Page - National Semiconductor (TI) PC87372 Datasheet HTML 107Page - National Semiconductor (TI) PC87372 Datasheet HTML 108Page - National Semiconductor (TI) PC87372 Datasheet HTML 109Page - National Semiconductor (TI) PC87372 Datasheet HTML 110Page - National Semiconductor (TI) PC87372 Datasheet HTML 111Page - National Semiconductor (TI) PC87372 Datasheet HTML 112Page - National Semiconductor (TI) PC87372 Datasheet HTML 113Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 144 page
background image
8.0 Glue Functions (Continued)
109
www.national.com
Revision 1.2
The 3V_DDCSCL and 5V_DDCSCL pins are connected through a switch. This switch is controlled by a Level Translation
Control circuit, according to the voltage levels at the 3V_DDCSCL and 5V_DDCSCL pins (for the DC characteristics, see
Section 10.2.10 on page 125):
q
For VIN <VISC at either pin, the switch is closed; therefore, both pins (3V_DDCSCL, and 5V_DDCSCL) are held at
low level.
q
For VIN >VISO at both pins, the switch is open; therefore, each pin is pulled up to high level by the external resistor
connected to VDD3 (for the 3V_DDCSCL pin) and to VDD5 (for the 5V_DDCSCL pin).
In addition, when the VDD3 power is off, the switch is open, regardless of the voltage levels at the 3V_DDCSCL and
5V_DDCSCL pins.
The 3V_DDCSDA and 5V_DDCSDA pins are connected through a similar level translation circuit and behave like
3V_DDCSCL and 5V_DDCSCL.
Figure 30 shows a simplified diagram of the circuit that performs SMBus voltage translation.
Figure 30. SMBus Voltage Translation (Simplified Diagram)
For the AC characteristics, see SMBus Voltage Translation and Isolation Timing on page 142.
8.2.11 SMBus Isolation
When the Main power is off, this function performs “passive” bus isolation between the SMB1_SCL, SMB1_SDA signals and
the SMB2_SCL, SMB2_SDA signals respectively. The bus isolation enables the operation of the serial bus section connect-
ed to Standby power, if the other serial bus is connected to the Main power and the Main power is off.
The signals connected to the SMB1_SCL, SMB1_SDA, SMB2_SCL and SMB2_SDA pins are compatible Intel's SMBus
(Specification Rev 1.1, Dec. 11, 1998) two-wire synchronous serial interface specifications.
The SMB1_SCL and SMB2_SCL pins are connected through a switch. This switch is controlled by the voltage levels at the
SMB1_SCL and SMB2_SCL pins (for the DC characteristics, see Section 10.2.10 on page 125):
q
For VIN <VISC at either pin, the switch is closed; therefore, both pins (SMB1_SCL, and SMB2_SCL) are held at low
level.
q
For VIN >VISO at both pins, the switch is open; therefore, each pin is pulled up to high level by the external resistor
connected to VSUP1 (for the SMB1_SCL pin) and to VSUP2 (for the SMB2_SCL pin).
In addition, when the Main power supply voltage is not valid (PWRGD_PS = low), the switch is forced open and the unpow-
ered SMBx_SCL signal is disconnected from the powered SMBx_SCL signal (x is either 1 or 2). This isolation between the
two signals prevents the loading of the powered SMBx_SCL signal by the unpowered SMBx_SCL signal.
The SMB1_SDA and SMB2_SDA pins are connected through a similar level isolation circuit and behave like SMB1_SCL
and SMB2_SCL.
Figure 31 shows a simplified diagram of the circuit that performs SMBus isolation.
Figure 31. SMBus Isolation (Simplified Diagram)
For the AC characteristics, see SMBus Voltage Translation and Isolation Timing on page 142.
2.2 K
Ω
5V_DDCSnn
VDD5
Pin
4.7 K
Ω
3V_DDCSnn
VDD3
Pin
Snn = SCL or SDA
S
Level
Control
Translation
2.7 K
Ω
SMB2_Snn
VSUP2 (3.3V)
Pin
2.7 K
Ω
SMB1_Snn
VSUP1 (3.3V)
Pin
Snn = SCL or SDA
S
Control
Switch
PWRGD_PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com