Electronic Components Datasheet Search
  English  ▼

X  

PC87372 Datasheet(PDF) 130 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 130 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 126Page - National Semiconductor (TI) PC87372 Datasheet HTML 127Page - National Semiconductor (TI) PC87372 Datasheet HTML 128Page - National Semiconductor (TI) PC87372 Datasheet HTML 129Page - National Semiconductor (TI) PC87372 Datasheet HTML 130Page - National Semiconductor (TI) PC87372 Datasheet HTML 131Page - National Semiconductor (TI) PC87372 Datasheet HTML 132Page - National Semiconductor (TI) PC87372 Datasheet HTML 133Page - National Semiconductor (TI) PC87372 Datasheet HTML 134Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 144 page
background image
10.0 Device Characteristics (Continued)
130
www.national.com
Revision 1.2
VDD Power-Up Reset
Figure 39. Internal VDD Power-Up Reset
Hardware Reset
Figure 40. Hardware Reset
Symbol Figure
Description
Reference Conditions
Min1
1. Not tested. Guaranteed by design.
Max1
tIRST
39
Internal Power-Up reset time
VDD3 power-up to end of internal reset
tLRST
tLRST
39
PCI_RESET active time
VDD3 power-up to end of PCI_RESET
10 ms
tIPLV
39
Internal strap pull-up resistor,
valid time2
2. Active only during VDD3 Power-Up reset.
Before end of internal reset
tIRST
tEPLV
39
External strap pull-down
resistor, valid time
Before end of internal reset
tIRST
Symbol
Figure
Description
Reference Conditions
Min
Max
tWRST
40
PCI_RESET pulse width
100 ns
Internal Straps
tIPLV
tEPLV
(Pull-up)
(Pull-Down)
External Straps
VDD3 (Power)
(Internal)
PCI_RESET
VDD Power-Up Reset
tIRST
VDDONmin
tLRST
Internal Clock
PCI_RESET
tWRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com