Electronic Components Datasheet Search
  English  ▼

X  

PC87372 Datasheet(PDF) 142 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 142 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 136Page - National Semiconductor (TI) PC87372 Datasheet HTML 137Page - National Semiconductor (TI) PC87372 Datasheet HTML 138Page - National Semiconductor (TI) PC87372 Datasheet HTML 139Page - National Semiconductor (TI) PC87372 Datasheet HTML 140Page - National Semiconductor (TI) PC87372 Datasheet HTML 141Page - National Semiconductor (TI) PC87372 Datasheet HTML 142Page - National Semiconductor (TI) PC87372 Datasheet HTML 143Page - National Semiconductor (TI) PC87372 Datasheet HTML 144Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 142 / 144 page
background image
10.0 Device Characteristics (Continued)
142
www.national.com
Revision 1.2
Figure 46. BKFD_CUT and LATCHED_BF_CUT (AC Characteristics)
Main Power Supply Control
CNR Downstream Codec Dynamic Control
SMBus Voltage Translation and Isolation Timing
Symbol Figure
Description
Reference Conditions
Min
Max
Units
tPR
−
Rise Propagation Delay1
1. Not tested. Guaranteed by design.
CPU_PRESENT or SLP_S3 to RE of
PS_ON
1
µs
tPF
−
Fall Propagation Delay1
CPU_PRESENT or SLP_S3 to FE of
PS_ON
1
µs
tR
−
Rise Time1
0.8V to 2.0V
50
ns
tF
−
Fall Time1
0.8V to 2.0V
50
ns
Symbol Figure
Description
Reference Conditions
Min
Max
Units
tPD
−
Propagation Delay1
1. Not tested. Guaranteed by characterization.
AUD_LINK_RST to
CDC_DWN_RST
30
ns
tTR
−
Transition Time1
0.8V to 2.0V
15
ns
Symbol
Figure
Description
Type of
Requirement1
1. An “Input” type is a value the PC87372 device expects from the system; an “Output” type is a value the
PC87372 device provides to the system.
Min
Max
Unit
tSMBR
−
Rise Time (all signals)
Input
10002,3
2. Test conditions: RL = 1 KΩ to VDD3 = 3.3V, or RL = 1.5 KΩ to VDD5 = 5V and CL = 400 pF to GND.
3. Not tested. Guaranteed by design.
ns
tSMBF
−
Fall Time (all signals)
Input
2503
ns
Output
3002,4
4. Not tested. Guaranteed by characterization.
ns
tSMBD
−
Propagation Delay (each signal pair, in both
directions)
Output
5002,4
ns
0.8V
1.4V
2.0V
SLP_S5
BKFD_CUT
LATCHED_BF_CUT
tPL
tTL
0.8V
tPL
1.4V
tTL
2.0V
tPL
tPL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com