Electronic Components Datasheet Search
  English  ▼

X  

S8353 Datasheet(PDF) 28 Page - Seiko Instruments Inc

Part # S8353
Description  STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8353 Datasheet(HTML) 28 Page - Seiko Instruments Inc

Back Button S8353 Datasheet HTML 24Page - Seiko Instruments Inc S8353 Datasheet HTML 25Page - Seiko Instruments Inc S8353 Datasheet HTML 26Page - Seiko Instruments Inc S8353 Datasheet HTML 27Page - Seiko Instruments Inc S8353 Datasheet HTML 28Page - Seiko Instruments Inc S8353 Datasheet HTML 29Page - Seiko Instruments Inc S8353 Datasheet HTML 30Page - Seiko Instruments Inc S8353 Datasheet HTML 31Page - Seiko Instruments Inc S8353 Datasheet HTML 32Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
S-8353/8354 Series
Rev.3.0_01
28
(6) Oscillation Frequency (fOSC) vs. Temperature (Ta)
fOSC = 50 kHz
fOSC = 250 kHz
30
40
50
60
70
−40 −20 0
20 40 60 80 100
Ta [
°C]
150
200
250
300
350
−40 −20 0
20 40 60 80 100
Ta [
°C]
(7) Maximum Duty Ratio (MaxDuty) vs. Temperature (Ta)
fOSC = 50 kHz
fOSC = 250 kHz
−40 −20 0 20 40 60 80 100
Ta [
°C]
50
60
70
80
90
100
−40 −20 0
20 40 60 80 100
Ta [
°C]
50
60
70
80
90
100
(8) PWM / PFM Switching Duty Ratio (PFMDuty) vs.
Temperature (Ta) (S-8354 Series)
(9)
OFF
/
ON
Pin Input Voltage “H” (VSH) vs.
Temperature (Ta)
fOSC = 250 kHz
fOSC = 250 kHz
5
10
15
20
25
−40 −20 0
20 40 60 80 100
Ta [
°C]
0
0.2
0.4
0.6
0.8
1.0
−40 −20 0
20 40 60 80 100
Ta [
°C]
(10)
OFF
/
ON
Pin Input Voltage “L” 1 (VSL1) vs.
Temperature (Ta) (S-8354 Series)
(11)
OFF
/
ON
Pin Input Voltage “L” 2 (VSL2) vs.
Temperatuer (Ta)
fOSC = 250 kHz
fOSC = 250 kHz
0
0.2
0.4
0.6
0.8
1.0
−40 −20 0
20 40 60 80 100
Ta [
°C]
0
0.2
0.4
0.6
0.8
1.0
−40 −20 0
20 40 60 80 100
Ta [
°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com