Electronic Components Datasheet Search
  English  ▼

X  

S8353 Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # S8353
Description  STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8353 Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S8353 Datasheet HTML 12Page - Seiko Instruments Inc S8353 Datasheet HTML 13Page - Seiko Instruments Inc S8353 Datasheet HTML 14Page - Seiko Instruments Inc S8353 Datasheet HTML 15Page - Seiko Instruments Inc S8353 Datasheet HTML 16Page - Seiko Instruments Inc S8353 Datasheet HTML 17Page - Seiko Instruments Inc S8353 Datasheet HTML 18Page - Seiko Instruments Inc S8353 Datasheet HTML 19Page - Seiko Instruments Inc S8353 Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
S-8353/8354 Series
Rev.3.0_01
16
Operation
1. Switching Control Types
1. 1 PWM Control (S-8353 Series)
The S-8353 Series is a DC-DC converter using a pulse width modulation method (PWM) and features low current
consumption. In conventional PFM DC-DC converters, pulses are skipped when the output load current is low,
causing a fluctuation in the ripple frequency of the output voltage, resulting in an increase in the ripple voltage.
In the S-8353 Series, the switching frequency does not change, although the pulse width changes from 0% to
83% (78% for H and J type) corresponding to each load current. The ripple voltage generated from switching can
thus be removed easily using a filter because the switching frequency is constant.
1. 2 PWM / PFM Switching Control (S-8354 Series)
The S-8354 Series is a DC-DC converter that automatically switches between a pulse width modulation method
(PWM) and a pulse frequency modulation method (PFM), depending on the load current, and features low current
consumption.
The S-8354 Series operates under PWM control with the pulse width duty changing from 15% to 83% (78% for H
and J type) in a high output load current area. On the other hand, the S-8354 Series operates under PFM control
with the pulse width duty fixed at 15% in a low output load current area, and pulses are skipped according to the
load current.
The oscillation circuit thus oscillates intermittently so that the resultant lower self current
consumption can prevent a reduction in the efficiency at a low load current. The switching point from PWM
control to PFM control depends on the external devices (coil, diode, etc.), input voltage, and output voltage. This
series are an especially efficient DC-DC converter at an output current around 100
μA.
2. Soft Start Function
For this IC, a built-in soft start circuit controls the rush current and overshoot of the output voltage when the power
is turned on or the
OFF
/
ON
pin is set to “H” level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com