Electronic Components Datasheet Search
  English  ▼

X  

S8353 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S8353
Description  STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8353 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S8353 Datasheet HTML 2Page - Seiko Instruments Inc S8353 Datasheet HTML 3Page - Seiko Instruments Inc S8353 Datasheet HTML 4Page - Seiko Instruments Inc S8353 Datasheet HTML 5Page - Seiko Instruments Inc S8353 Datasheet HTML 6Page - Seiko Instruments Inc S8353 Datasheet HTML 7Page - Seiko Instruments Inc S8353 Datasheet HTML 8Page - Seiko Instruments Inc S8353 Datasheet HTML 9Page - Seiko Instruments Inc S8353 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
S-8353/8354 Series
Rev.3.0_01
6
5. Product Name List
(1) S-8353 Series
Table 4
Output
voltage
S-8353AxxMC
Series
S-8353AxxMA
Series
S-8353AxxUA
Series
S-8353CxxMA
Series
2.0 V
S-8353A20MC-IQFT2x
2.5 V
S-8353A25MC-IQKT2x
2.7 V
S-8353A27MC-IQMT2x
2.8 V
S-8353A28MC-IQNT2x
3.0 V
S-8353A30MC-IQPT2x
S-8353A30MA-IQPT
S-8353A30UA-IQPT2x
S-8353C30MA-ISPT
3.3 V
S-8353A33MC-IQST2x
S-8353A33MA-IQST
S-8353A33UA-IQST2x
3.5 V
S-8353A35MC-IQUT2x
3.6 V
S-8353A36UA-IQVT2x
3.8 V
S-8353A38MC-IQXT2x
S-8353A38UA-IQXT2x
4.0 V
S-8353A40UA-IQZT2x
4.5 V
S-8353A45MC-IRET2x
4.6 V
S-8353C46MA-ITFT
5.0 V
S-8353A50MC-IRJT2x
S-8353A50MA-IRJT
S-8353A50UA-IRJT2x
5.5 V
S-8353A55MC-IROT2x
S-8353A55UA-IROT2x
Table 5
Output
voltage
S-8353CxxUA
Series
S-8353DxxMC
Series
S-8353HxxMC
Series
S-8353HxxMA
Series
2.0 V
S-8353D20MC-IUFT2x
S-8353H20MC-IWFT2x
2.6 V
S-8353H26MC-IWLT2x
2.8 V
S-8353H28MC-IWNT2x
3.0 V
S-8353C30UA-ISPT2x
S-8353D30MC-IUPT2x
S-8353H30MC-IWPT2x
S-8353H30MA-IWPT
3.1 V
S-8353H31MC-IWQT2x
3.2 V
S-8353H32MC-IWRT2x
3.3 V
S-8353H33MC-IWST2x
S-8353H33MA-IWST
3.5 V
S-8353H35MC-IWUT2x
3.7 V
S-8353H37MC-IWWT2x
3.8 V
S-8353H38MC-IWXT2x
4.0 V
S-8353H40MC-IWZT2x
4.5 V
S-8353H45MC-IXET2x
5.0 V
S-8353D50MC-IVJT2x
S-8353H50MC-IXJT2x
6.0 V
S-8353H60MC-IXTT2x
6.5 V
S-8353H65MC-IXYT2x
Remark 1. Please contact the SII Semiconductor Corporation marketing department for products with an output voltage other
than those specified above.
2. x: G or U
3. : 2G or 1U
4. Please select products of environmental code = U for Sn 100%, halogen-free products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com