Electronic Components Datasheet Search
  English  ▼

X  

S8353 Datasheet(PDF) 30 Page - Seiko Instruments Inc

Part # S8353
Description  STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8353 Datasheet(HTML) 30 Page - Seiko Instruments Inc

Back Button S8353 Datasheet HTML 26Page - Seiko Instruments Inc S8353 Datasheet HTML 27Page - Seiko Instruments Inc S8353 Datasheet HTML 28Page - Seiko Instruments Inc S8353 Datasheet HTML 29Page - Seiko Instruments Inc S8353 Datasheet HTML 30Page - Seiko Instruments Inc S8353 Datasheet HTML 31Page - Seiko Instruments Inc S8353 Datasheet HTML 32Page - Seiko Instruments Inc S8353 Datasheet HTML 33Page - Seiko Instruments Inc S8353 Datasheet HTML 34Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
S-8353/8354 Series
Rev.3.0_01
30
2. Examples of Major Power Supply Dependence Characteristics (Ta = 25
°C)
(1) Current Consumption 1 (ISS1) vs. Power Supply Voltage (VDD),
Current Consumption 2 (ISS2) vs. Power Supply Voltage
(VDD)
VOUT = 3.3 V, fOSC = 50 kHz
VOUT = 3.3 V, fOSC = 250 kHz
0
10
20
30
40
50
0
2
4
6
8
10
VDD [V]
0
20
40
60
80
100
0
2
4
6
8
10
VDD [V]
(2) Oscillation Frequency (fOSC) vs. Power Supply Voltage (VDD)
fOSC = 50 kHz
fOSC = 250 kHz
30
40
50
60
70
0
2
4
6
8
10
VDD [V]
100
150
200
250
300
02
4
6
8
10
VDD [V]
(3) Switching Current (ISW) vs. Power Supply Voltage (VDD)
0
2
4
6
8
10
VDD [V]
100
200
300
400
500
0
(4) Output Voltage (VOUT) vs. Power Supply Voltage (VDD) (VOUT = 3.3 V, VIN = 1.98 V, IOUT = 13.2 mA, VDD Separate Type)
fOSC = 50 kHz
fOSC = 250 kHz
VDD [V]
3.0
3.1
3.2
3.3
3.4
0
2
4
6
8
10
02
46
8
10
VDD [V]
3.0
3.1
3.2
3.3
3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com