Electronic Components Datasheet Search
  English  ▼

X  

S8353 Datasheet(PDF) 34 Page - Seiko Instruments Inc

Part # S8353
Description  STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8353 Datasheet(HTML) 34 Page - Seiko Instruments Inc

Back Button S8353 Datasheet HTML 30Page - Seiko Instruments Inc S8353 Datasheet HTML 31Page - Seiko Instruments Inc S8353 Datasheet HTML 32Page - Seiko Instruments Inc S8353 Datasheet HTML 33Page - Seiko Instruments Inc S8353 Datasheet HTML 34Page - Seiko Instruments Inc S8353 Datasheet HTML 35Page - Seiko Instruments Inc S8353 Datasheet HTML 36Page - Seiko Instruments Inc S8353 Datasheet HTML 37Page - Seiko Instruments Inc S8353 Datasheet HTML 38Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
S-8353/8354 Series
Rev.3.0_01
34
2. Output Current (IOUT) vs. Efficiency (
η) Characteristics, Output Current (IOUT) vs. Output Voltage
(VOUT) Characteristics
The following shows the actual (a) Output current (IOUT) vs. Efficiency (
η) characteristics and (b) Output current (IOUT)
vs. Output voltage (VOUT) characteristics under the conditions of No. 1 to 8 in Table 20.
Condition 1 S-8353H50MC
(a) Output current (IOUT) vs. Efficiency (
η)
(b) Output current (IOUT) vs. Output voltage (VOUT)
20
40
60
80
100
IOUT [mA]
1
10
100
1000
0.1
0.01
VIN
= 3 V
VIN
= 4 V
VIN
= 2 V
4.7
4.8
4.9
5.0
5.1
5.2
IOUT [mA]
1
10
100
1000
0.1
0.01
VIN
= 3 V
VIN
= 4 V
VIN
= 2 V
Condition 2 S-8353H50MC
(a) Output current (IOUT) vs. Efficiency (
η)
(b) Output current (IOUT) vs. Output voltage (VOUT)
20
40
60
80
100
IOUT [mA]
1
10
100
1000
0.1
0.01
VIN
= 3 V
VIN
= 4 V
VIN
= 2 V
4.7
4.8
4.9
5.0
5.1
5.2
IOUT [mA]
1
10
100
1000
0.1
0.01
VIN
= 3 V
VIN
= 4 V
VIN
= 2 V
Condition 3 S-8353H50MC
(a) Output current (IOUT) vs. Efficiency (
η)
(b) Output current (IOUT) vs. Output voltage (VOUT)
20
40
60
80
100
IOUT [mA]
1
10
100
1000
0.1
0.01
VIN
=3 V
VIN
=4 V
VIN
=2 V
4.7
4.8
4.9
5.0
5.1
5.2
IOUT [mA]
1
10
100
1000
0.1
0.01
VIN
= 3 V
VIN
= 4 V
VIN
= 2 V
Condition 4 S-8354A50MC
(a) Output current (IOUT) vs. Efficiency (
η)
(b) Output current (IOUT) vs. Output voltage (VOUT)
20
40
60
80
100
IOUT [mA]
1
10
100
1000
0.1
0.01
VIN
= 3 V
VIN
= 4 V
VIN
= 2 V
4.7
4.8
4.9
5.0
5.1
5.2
IOUT [mA]
1
10
100
1000
0.1
0.01
VIN
= 3 V
VIN
= 4 V
VIN
= 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com