Electronic Components Datasheet Search
  English  ▼

X  

S8353 Datasheet(PDF) 36 Page - Seiko Instruments Inc

Part # S8353
Description  STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8353 Datasheet(HTML) 36 Page - Seiko Instruments Inc

Back Button S8353 Datasheet HTML 32Page - Seiko Instruments Inc S8353 Datasheet HTML 33Page - Seiko Instruments Inc S8353 Datasheet HTML 34Page - Seiko Instruments Inc S8353 Datasheet HTML 35Page - Seiko Instruments Inc S8353 Datasheet HTML 36Page - Seiko Instruments Inc S8353 Datasheet HTML 37Page - Seiko Instruments Inc S8353 Datasheet HTML 38Page - Seiko Instruments Inc S8353 Datasheet HTML 39Page - Seiko Instruments Inc S8353 Datasheet HTML 40Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
S-8353/8354 Series
Rev.3.0_01
36
3. Output Current (IOUT) vs. Ripple Voltage (Vr) Characteristics
The following shows the actual Output current (IOUT) vs. Ripple voltage (Vr) characteristics and (b) Output current
(IOUT) vs. Output voltage (VOUT) characteristics under the conditions of No. 1 to 8 in Table 20.
Condition 1 S-8353H50MC
Condition 2 S-8353H50MC
IOUT [mA]
1
10
100
1000
0.1
0.01
20
40
60
80
100
0
VIN
= 3 V
VIN
= 4 V
VIN
= 2 V
IOUT [mA]
1
10
100
1000
0.1
0.01
20
40
60
80
100
0
VIN
= 3 V
VIN
= 4 V
VIN
= 2 V
Condition 3 S-8353H50MC
Condition 4 S-8354A50MC
IOUT [mA]
1
10
100
1000
0.1
0.01
40
80
120
160
200
0
VIN
= 3 V
VIN
= 4 V
VIN
= 2 V
IOUT [mA]
1
10
100
1000
0.1
0.01
40
80
120
160
200
0
VIN
= 3 V
VIN
= 4 V
VIN
= 2 V
Condition 5 S-8354A50MC
Condition 6 S-8353A50MC
40
80
120
160
200
0
240
280
IOUT [mA]
1
10
100
1000
0.1
0.01
VIN
= 3 V
VIN
= 4 V
VIN
= 2 V
IOUT [mA]
1
10
100
1000
0.1
0.01
40
80
120
160
200
0
VIN
= 3 V
VIN
= 4 V
VIN
= 2 V
Condition 7 S-8353A50MC
Condition 8 S-8353A33MC
40
80
120
160
200
0
240
280
IOUT [mA]
1
10
100
1000
0.1
0.01
VIN
= 3 V
VIN
= 4 V
VIN
= 2 V
IOUT [mA]
1
10
100
1000
0.1
0.01
40
80
120
160
200
0
VIN
= 3 V
VIN
= 4 V
VIN
= 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com