| Electronic Components Datasheet Search |
|
S8353 Datasheet(PDF) 3 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
S8353 Datasheet(HTML) 3 Page - Seiko Instruments Inc |
|
3 / 49 page ![]() STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR Rev.3.0_01 S-8353/8354 Series 3 Product Name Structure The control system, product types, output voltage, and packages for the S-8353/8354 Series can be selected at the user’s request. Please refer to the “3. Product Name” for the definition of the product name, “4. Package” regarding the package drawings and “5. Product Name List” for the full product names. 1. Function List (1) PWM Control Products Table 1 Product Name Switching Frequency [kHz] Shutdown Function VDD / VOUT Separate Type Package Application S-8353AxxMC 50 Yes − SOT-23-5 Applications requiring shutdown function S-8353AxxMA 50 − − SOT-23-3 Applications not requiring shutdown function S-8353AxxUA 50 − − SOT-89-3 Applications not requiring shutdown function S-8353CxxMA 30 − − SOT-23-3 For pager S-8353CxxUA 30 − − SOT-89-3 For pager S-8353DxxMC 50 − Yes SOT-23-5 Applications requiring variable output voltage with an external resistor S-8353HxxMC 250 Yes − SOT-23-5 Applications requiring a shutdown function and a thin coil S-8353HxxMA 250 − − SOT-23-3 Applications not requiring a shutdown function and requiring a thin coil S-8353HxxUA 250 − − SOT-89-3 Applications not requiring a shutdown function and requiring a thin coil S-8353JxxMC 250 − Yes SOT-23-5 Applications requiring variable output voltage with an external resistor and a thin coil (2) PWM / PFM Switching Control Products Table 2 Product Name Switching Frequency [kHz] Shutdown Function VDD / VOUT Separate Type Package Application S-8354AxxMC 50 Yes − SOT-23-5 Applications requiring shutdown function S-8354AxxMA 50 − − SOT-23-3 Applications not requiring shutdown function S-8354AxxUA 50 − − SOT-89-3 Applications not requiring shutdown function S-8354CxxMA 30 − − SOT-23-3 For pager S-8354DxxMC 50 − Yes SOT-23-5 Applications requiring variable output voltage with an external resistor S-8354HxxMC 250 Yes − SOT-23-5 Applications requiring a shutdown function and a thin coil S-8354HxxMA 250 − − SOT-23-3 Applications not requiring a shutdown function and requiring a thin coil S-8354HxxUA 250 − − SOT-89-3 Applications not requiring a shutdown function and requiring a thin coil S-8354JxxMC 250 − Yes SOT-23-5 Applications requiring variable output voltage with an external resistor and a thin coil |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |