Electronic Components Datasheet Search
  English  ▼

X  

S8353 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S8353
Description  STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8353 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S8353 Datasheet HTML 1Page - Seiko Instruments Inc S8353 Datasheet HTML 2Page - Seiko Instruments Inc S8353 Datasheet HTML 3Page - Seiko Instruments Inc S8353 Datasheet HTML 4Page - Seiko Instruments Inc S8353 Datasheet HTML 5Page - Seiko Instruments Inc S8353 Datasheet HTML 6Page - Seiko Instruments Inc S8353 Datasheet HTML 7Page - Seiko Instruments Inc S8353 Datasheet HTML 8Page - Seiko Instruments Inc S8353 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
S-8353/8354 Series
www.sii-ic.com
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE
BUILT-IN TRANSISTOR SWITCHING REGULATOR
© SII Semiconductor Corporation, 2002-2010
Rev.3.0_01
1
The S-8353/8354 Series is a CMOS step-up switching regulator which mainly consists of a reference voltage source, an
oscillation circuit, a power MOS FET, an error amplifier, a phase compensation circuit, a PWM control circuit (S-8353 Series)
and a PWM / PFM switching control circuit (S-8354 Series).
The S-8353/8354 Series can configure the step-up switching regulator with an external coil, capacitor, and diode. In
addition to the above features, the small package and low current consumption make the S-8353/8354 Series ideal for
portable equipment applications requiring high efficiency.
The S-8353 Series realizes low ripple, high efficiency, and excellent transient characteristics due to its PWM control circuit
whose duty ratio can be varied linearly from 0% to 83% (from 0% to 78% for 250 kHz models), an excellently designed error
amplifier, and phase compensation circuits.
The S-8354 Series features a PWM / PFM switching controller that can switch the operation to a PFM controller with a duty
ratio is 15% under a light load to prevent a decline in the efficiency due to the IC operating current.
Features
• Low voltage operation: Startup at 0.9 V min. (IOUT = 1 mA) guaranteed
• Low current consumption : During operation 18.7
μA (3.3 V, 50 kHz, typ.)
During shutdown: 0.5
μA (max.)
• Duty ratio : Built-in PWM / PFM switching control circuit (S-8354 Series)
15 % to 83 % (30 kHz and 50 kHz models)
15 % to 78 % (250 kHz models)
• External parts : Coil, capacitor, and diode
• Output voltage : Selectable in 0.1 V steps between 1.5 V and 6.5 V (for VDD / VOUT separate types)
Selectable in 0.1 V steps between 2.0 V and 6.5 V (for other than VDD / VOUT separate types)
• Output voltage accuracy :
±2.4%
• Oscillation frequency : 30 kHz, 50 kHz, and 250 kHz selectable
• Soft start function : 6 ms (50 kHz, typ.)
• Lead-free, Sn 100%, halogen-free*1
*1.
Refer to “ Product Name Structure” for details.
Applications
• Power supplies for portable equipment such as digital cameras, electronic notebooks, and PDAs
• Power supplies for audio equipment such as portable CD / MD players
• Constant voltage power supplies for cameras, VCRs, and communication devices
• Power supplies for microcomputers
Packages
• SOT-23-3
• SOT-23-5
• SOT-89-3


Similar Part No. - S8353

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S8350 SATCO-S8350 Datasheet
123Kb / 1P
32 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX24q-3 (4-Pin) base
logo
Roithner LaserTechnik G...
S83500MG ROITHNER-S83500MG Datasheet
599Kb / 5P
multi mode
S8350MG ROITHNER-S8350MG Datasheet
589Kb / 5P
multi mode
logo
Seiko Instruments Inc
S8351 SII-S8351 Datasheet
2Mb / 51P
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
logo
Satco Products, Inc.
S8351 SATCO-S8351 Datasheet
123Kb / 1P
32 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; GX24q-3 (4-Pin) base
More results

Similar Description - S8353

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8540 SII-S-8540 Datasheet
445Kb / 36P
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365 SII-S-8365 Datasheet
1Mb / 63P
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8355 SII-S8355 Datasheet
3Mb / 72P
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8365 SII-S8365 Datasheet
3Mb / 63P
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8520 SII-S8520 Datasheet
2Mb / 44P
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8540 SII-S8540 Datasheet
2Mb / 36P
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com