Electronic Components Datasheet Search
  English  ▼

X  

S8424A Datasheet(PDF) 20 Page - Seiko Instruments Inc

Part # S8424A
Description  BATTERY BACKUP SWITCHING IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8424A Datasheet(HTML) 20 Page - Seiko Instruments Inc

Back Button S8424A Datasheet HTML 16Page - Seiko Instruments Inc S8424A Datasheet HTML 17Page - Seiko Instruments Inc S8424A Datasheet HTML 18Page - Seiko Instruments Inc S8424A Datasheet HTML 19Page - Seiko Instruments Inc S8424A Datasheet HTML 20Page - Seiko Instruments Inc S8424A Datasheet HTML 21Page - Seiko Instruments Inc S8424A Datasheet HTML 22Page - Seiko Instruments Inc S8424A Datasheet HTML 23Page - Seiko Instruments Inc S8424A Datasheet HTML 24Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
BATTERY BACKUP SWITCHING IC
S-8424A Series
Rev.3.0_01
20
2.2 PREEND Voltage Detector
The PREEND voltage detector monitors the input voltage VBAT (VBAT pin voltage). The detection voltage
can be selected from between 1.7 V and 3.4 V in 0.1 V steps. A higher voltage can also be seclected
keeping a constant difference with the RESET voltage. This function enables the warning that the backup
battery is running out. The detection result is output to the PREEND pin: “Low” for lower voltages than
the detection voltage and “High” for higher voltages than the release voltage. The power supply of the
PREEND
voltage detector is supplied from the VIN pin. The output is valid only when the voltage is
supplied from the VIN pin to the VOUT pin (VIN
≥ VSW1). The output is the low level when the voltage is
supplied from the VBAT pin to the VOUT pin (VIN < VSW1).
2.3 RESET Voltage Detector
The RESET voltage detector monitors the output voltage VOUT (VOUT pin voltage). The detection
voltage can be selected from between 1.7 V and 3.4 V in 0.1 V steps. The result of detection is output at
the RESET pin: “Low” for lower voltages than the detection level and “High” for higher voltages than
the release level. RESET outputs the normal logic if the VOUT pin voltage is 1.0 V or more.
Caution The PREEND and RESET voltage detectors use the different pins, respectively.
Practically, the current is taken from the VBAT side, and consider the I/O voltage
difference (Vdif) of M1 when M1 is ON.
3. Switch Unit
The switch unit consists of the VSW1 and VSW2 detectors, a switch controller, voltage regulator 2, and switch
transistor M1 (Refer to “Figure 8 Switch Unit”).
REG2
VOUT
M1
VBAT
VIN
Switch
controller
VSW1
detector
VSW2
detector
Figure 8 Switch Unit
3.1 VSW1 Detector
The VSW1 detector monitors the power supply voltage VIN and sends the results of detection to the switch
controller. The detection voltage (VSW1) can be set to 77
±2% or 85 ±2% of the CS release voltage
+VDET1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com