Electronic Components Datasheet Search
  English  ▼

X  

S8424A Datasheet(PDF) 29 Page - Seiko Instruments Inc

Part # S8424A
Description  BATTERY BACKUP SWITCHING IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8424A Datasheet(HTML) 29 Page - Seiko Instruments Inc

Back Button S8424A Datasheet HTML 25Page - Seiko Instruments Inc S8424A Datasheet HTML 26Page - Seiko Instruments Inc S8424A Datasheet HTML 27Page - Seiko Instruments Inc S8424A Datasheet HTML 28Page - Seiko Instruments Inc S8424A Datasheet HTML 29Page - Seiko Instruments Inc S8424A Datasheet HTML 30Page - Seiko Instruments Inc S8424A Datasheet HTML 31Page - Seiko Instruments Inc S8424A Datasheet HTML 32Page - Seiko Instruments Inc S8424A Datasheet HTML 33Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
BATTERY BACKUP SWITCHING IC
Rev.3.0_01
S-8424A Series
29
2.3
ΔIOUT Dependency
ΔIOUT and ΔIRO show the fluctuation between the low current stabilized at 10 μA and the high current. For
example,
ΔIOUT = 10 mA means a fluctuation between 10 μA and 10 mA.
(1) VOUT pin
(2) VRO pin
ΔIOUT (mA)
COUT
= 22 μF, VIN = 6 V, Ta = 25°C
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0 1020 30 40 5060
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0
10 20 30 40 50 60
CRO
=22 μF, VIN=6.0 V, Ta=25°C
ΔIRO (mA)
2.4 Temperature Dependency
(1) VOUT pin
(2) VRO pin
Ta (
°C)
VIN
=6.0 V, IOUT=50 mA ↔ 10 μA, COUT=22 μF
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
−50
0
50
100
Ta (
°C)
VIN
=6.0 V, IRO=30 mA ↔ 10 μA, CRO=22 μF
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
−50
0
50
100
Overshoot
Undershoot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com