Electronic Components Datasheet Search
  English  ▼

X  

S8424A Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S8424A
Description  BATTERY BACKUP SWITCHING IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8424A Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S8424A Datasheet HTML 1Page - Seiko Instruments Inc S8424A Datasheet HTML 2Page - Seiko Instruments Inc S8424A Datasheet HTML 3Page - Seiko Instruments Inc S8424A Datasheet HTML 4Page - Seiko Instruments Inc S8424A Datasheet HTML 5Page - Seiko Instruments Inc S8424A Datasheet HTML 6Page - Seiko Instruments Inc S8424A Datasheet HTML 7Page - Seiko Instruments Inc S8424A Datasheet HTML 8Page - Seiko Instruments Inc S8424A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
BATTERY BACKUP SWITCHING IC
Rev.3.0_01
S-8424A Series
5
Pin Configurations
VSS
PREEND
VBAT
CS
VRO
VIN
VOUT
RESET
8-Pin TSSOP
Top View
1
2
3
4
8
7
6
5
Table 1
Pin No.
Symbol
Description
1
VSS
Ground
2
PREEND
Output pin of PREEND voltage detector
3
VBAT*1
Backup power supply input pin
4
CS
Output pin of CS voltage detector
5
RESET
Output pin of RESET voltage detector
6
VOUT*2
Output pin of voltage regulator 2
Figure 2
7
VIN*3
Primary power supply input pin
8
VRO*4
Output pin of voltage regulator 1
*1 to *4. Mount capacitors between VSS (GND pin) and the VIN, VBAT,
VOUT, and VRO pins. (Refer to the “Standard Circuit”)
VSS
PREEND
VBAT
CS
VRO
VIN
VOU T
RESET
8-Pin SON(B)
Top View
8
7
6
5
1
2
3
4
Table 2
Pin No.
Symbol
Description
1
VSS
Ground
2
PREEND
Output pin of PREEND voltage detector
3
VBAT*1
Backup power supply input pin
4
CS
Output pin of CS voltage detector
5
RESET
Output pin of RESET voltage detector
6
VOUT*2
Output pin of voltage regulator 2
Figure 3
7
VIN*3
Primary power supply input pin
8
VRO*4
Output pin of voltage regulator 1
*1 to *4. Mount capacitors between VSS (GND pin) and the VIN, VBAT,
VOUT, and VRO pins. (Refer to the “Standard Circuit”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com