Electronic Components Datasheet Search
  English  ▼

X  

S8424A Datasheet(PDF) 31 Page - Seiko Instruments Inc

Part # S8424A
Description  BATTERY BACKUP SWITCHING IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8424A Datasheet(HTML) 31 Page - Seiko Instruments Inc

Back Button S8424A Datasheet HTML 27Page - Seiko Instruments Inc S8424A Datasheet HTML 28Page - Seiko Instruments Inc S8424A Datasheet HTML 29Page - Seiko Instruments Inc S8424A Datasheet HTML 30Page - Seiko Instruments Inc S8424A Datasheet HTML 31Page - Seiko Instruments Inc S8424A Datasheet HTML 32Page - Seiko Instruments Inc S8424A Datasheet HTML 33Page - Seiko Instruments Inc S8424A Datasheet HTML 34Page - Seiko Instruments Inc S8424A Datasheet HTML 35Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
BATTERY BACKUP SWITCHING IC
Rev.3.0_01
S-8424A Series
31
Precautions
• In applications with small IRO or IOUT, the output voltages VRO and VOUT may rise, causing the load stability to
exceed standard levels. Set IRO and IOUT to 10
μA or more.
• Attach the proper capacitor to the VOUT pin to prevent the RESET voltage detector (which monitors the VOUT
pin) from coming active due to undershoot.
• Watch for overshoot and ensure it does not exceed the ratings of the IC chips and/or capacitors attached to the
VRO and VOUT pins.
• Add a 10 μF or more capacitor to the VOUT and VRO pins.
• When VIN rises from the voltage more than VSW1, a low pulse of less than 4 ms flows through the PREEND pin
even when VBAT is more than the PREEND release voltage. Thus when monitoring the PREEND pin, make
sure to take the 4 ms interval or more after the rise of VIN.
• Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in
electrostatic protection circuit.
Application Circuits
1. When Using Timer Micro controllers for Backup to display PREEND in the primary CPU
Address data
VRO
10 μF
RESET
CS
6 V
VIN
VBAT
VOUT
3 V
0.1 μF
1 k
Ω
10 μF
VSS
CS
RESET
VCC
100 k
Ω
100 k
Ω
Timer
microcontroller
S-8424A
Series
RESET
VCC
Main CPU
+
+
+
10
μF
PREEND
INT
100 k
Ω
Figure 23 Application Circuit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com