Electronic Components Datasheet Search
  English  ▼

X  

S8424A Datasheet(PDF) 22 Page - Seiko Instruments Inc

Part # S8424A
Description  BATTERY BACKUP SWITCHING IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8424A Datasheet(HTML) 22 Page - Seiko Instruments Inc

Back Button S8424A Datasheet HTML 18Page - Seiko Instruments Inc S8424A Datasheet HTML 19Page - Seiko Instruments Inc S8424A Datasheet HTML 20Page - Seiko Instruments Inc S8424A Datasheet HTML 21Page - Seiko Instruments Inc S8424A Datasheet HTML 22Page - Seiko Instruments Inc S8424A Datasheet HTML 23Page - Seiko Instruments Inc S8424A Datasheet HTML 24Page - Seiko Instruments Inc S8424A Datasheet HTML 25Page - Seiko Instruments Inc S8424A Datasheet HTML 26Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
BATTERY BACKUP SWITCHING IC
S-8424A Series
Rev.3.0_01
22
3.4 Switch Transistor M1
Voltage regulator 2 is also used to switch from VIN pin to VOUT pin. Therefore, no reverse current flows
from VOUT pin to VIN pin when voltage regulator 2 is OFF. The output voltage of voltage regulator 2 can
be selected from between 2.3 V and 5.4 V in 0.1 V steps.
The on-resistance of switch transistor M1 is 60
Ω or lower (IOUT = 10 to 500 μA).
Therefore, when M1 is switched ON and VOUT pin is connected to VBAT pin, the voltage drop (Vdif)
caused by M1 is 60
× IOUT (output current) at maximum., and VBAT – Vdif (max.) is output to the VOUT pin at
minimum.
When voltage regulator 2 is ON and M1 is OFF, the leakage current of M1 is kept below 0.1
μA max. (VIN
= 6 V, Ta = 25°C) with the VBAT pin grounded (VSS pin).
VIN
VBAT
VOUT
M1
Vdif
REG2
Figure 9 Definition of V
dif



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com