Electronic Components Datasheet Search
  English  ▼

X  

S8424A Datasheet(PDF) 30 Page - Seiko Instruments Inc

Part # S8424A
Description  BATTERY BACKUP SWITCHING IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8424A Datasheet(HTML) 30 Page - Seiko Instruments Inc

Back Button S8424A Datasheet HTML 26Page - Seiko Instruments Inc S8424A Datasheet HTML 27Page - Seiko Instruments Inc S8424A Datasheet HTML 28Page - Seiko Instruments Inc S8424A Datasheet HTML 29Page - Seiko Instruments Inc S8424A Datasheet HTML 30Page - Seiko Instruments Inc S8424A Datasheet HTML 31Page - Seiko Instruments Inc S8424A Datasheet HTML 32Page - Seiko Instruments Inc S8424A Datasheet HTML 33Page - Seiko Instruments Inc S8424A Datasheet HTML 34Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
BATTERY BACKUP SWITCHING IC
S-8424A Series
Rev.3.0_01
30
Standard Circuit
VRO
VRO
10
μF
CS
VSS
6 V
3 V
VIN
VBAT
S-8424A
Series
0.1
μF
+
+
1 k
Ω
10
μF
VOUT
VOUT
10
μF
+
PREEND
RESET
VOUT
100 k
Ω
100 k
Ω
VOUT
100 k
Ω
VOUT
Figure 22 Standard Circuit
Caution 1. Be sure to add a 10
μF or more capacitor to the VOUT and VRO pins.
2. The above connections and values will not guarantee correct operation. Before setting these
values, perform sufficient evaluation on the application to be actually used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com