Electronic Components Datasheet Search
  English  ▼

X  

S8424A Datasheet(PDF) 35 Page - Seiko Instruments Inc

Part # S8424A
Description  BATTERY BACKUP SWITCHING IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8424A Datasheet(HTML) 35 Page - Seiko Instruments Inc

Back Button S8424A Datasheet HTML 31Page - Seiko Instruments Inc S8424A Datasheet HTML 32Page - Seiko Instruments Inc S8424A Datasheet HTML 33Page - Seiko Instruments Inc S8424A Datasheet HTML 34Page - Seiko Instruments Inc S8424A Datasheet HTML 35Page - Seiko Instruments Inc S8424A Datasheet HTML 36Page - Seiko Instruments Inc S8424A Datasheet HTML 37Page - Seiko Instruments Inc S8424A Datasheet HTML 38Page - Seiko Instruments Inc S8424A Datasheet HTML 39Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
BATTERY BACKUP SWITCHING IC
Rev.3.0_01
S-8424A Series
35
2. Voltage Detector
2.1 CS Voltage Detector (
−VDET1 = 3.3 V)
(1) Detection voltage (
−VDET1) temperature
characteristics
(2) Output current (ISINK) characteristics
−20
−10
0
10
20
Ta (
°C)
−40
−20
0
20
40
80
60
100
Based on CS (−VDET1) voltage when Ta is 25°C
0
5
10
15
20
25
30
0.0
1.0
2.0
3.0
4.0
VDS (V)
VIN = 3 V
VIN = 1.7 V
Ta
= 25°C
(3) Output current (ISINK) temperature characteristics
0
2
4
6
8
10
Ta (
°C)
−40 −20
0
20
40
80
60
100
VIN = VBAT = 2.0 V, V DS = 0.5 V
2.2 RESET Voltage Detector (
−VDET2 = 2.2 V)
(1) Detection voltage (
−VDET2) temperature
characteristics
(2) Output current (ISINK) characteristics
−20
−10
0
10
20
Ta (
°C)
−40 −20
0
20
40
80
60
100
Based on RESET (−VDET2) voltage
when Ta is 25
°C
0
5
10
15
20
25
30
0.0
1.0
2.0
3.0
4.0
VDS (V)
VIN = 1.7 V
VIN = 3 V
Ta = 25°C
(3) Output current (ISINK) temperature characteristics
0
4
8
Ta (
°C)
−40 −20
020
40
80
60
100
2
6
10
VIN
= VBAT = 2.0 V, VDS = 0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com