Electronic Components Datasheet Search
  English  ▼

X  

S8424A Datasheet(PDF) 25 Page - Seiko Instruments Inc

Part # S8424A
Description  BATTERY BACKUP SWITCHING IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8424A Datasheet(HTML) 25 Page - Seiko Instruments Inc

Back Button S8424A Datasheet HTML 21Page - Seiko Instruments Inc S8424A Datasheet HTML 22Page - Seiko Instruments Inc S8424A Datasheet HTML 23Page - Seiko Instruments Inc S8424A Datasheet HTML 24Page - Seiko Instruments Inc S8424A Datasheet HTML 25Page - Seiko Instruments Inc S8424A Datasheet HTML 26Page - Seiko Instruments Inc S8424A Datasheet HTML 27Page - Seiko Instruments Inc S8424A Datasheet HTML 28Page - Seiko Instruments Inc S8424A Datasheet HTML 29Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
BATTERY BACKUP SWITCHING IC
Rev.3.0_01
S-8424A Series
25
Reference data: Dependency of output current (IOUT), load capacitance (COUT), input variation width (
ΔVIN),
temperature (Ta)
For reference, the following pages describe the results of measuring the ringing amounts at the VOUT and
VRO pins using the output current (IOUT), load capacitance (COUT), input variation width (
ΔVIN), and
temperature (Ta) as parameters.
1.1 IOUT Dependency
(1) VOUT pin
(2) VRO pin
IOUT (mA)
0.00
0.05
0.10
0.15
0.20
0.25
0
20
40
60
C
OUT
= 22 μF, V
IN
= 6 V and 10 V, Ta = 25°C
IRO (mA)
0.00
0.05
0.10
0.15
0.20
0.25
0
20
40
60
C
RO
= 22 μF, V
IN
= 6 V and 10 V, Ta = 25°C
1.2 COUT Dependency
(1) VOUT pin
(2) VRO pin
COUT (
μF)
0.00
0.10
0.20
0.30
0.40
0.50
0
10
40
50
20
30
I
OUT
= 50 mA, V
IN
= 6 V and 10 V, Ta = 25°C
CRO (
μF)
0.00
0.10
0.20
0.30
0.40
0.50
0
10
40
50
20
30
IRO
= 30 mA, VIN = 6 V and 10 V, Ta = 25°C
Overshoot
Undershoot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com