Electronic Components Datasheet Search
  English  ▼

X  

68HC908RF Datasheet(PDF) 67 Page - Motorola, Inc

Part # 68HC908RF
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC908RF Datasheet(HTML) 67 Page - Motorola, Inc

Back Button 68HC908RF Datasheet HTML 63Page - Motorola, Inc 68HC908RF Datasheet HTML 64Page - Motorola, Inc 68HC908RF Datasheet HTML 65Page - Motorola, Inc 68HC908RF Datasheet HTML 66Page - Motorola, Inc 68HC908RF Datasheet HTML 67Page - Motorola, Inc 68HC908RF Datasheet HTML 68Page - Motorola, Inc 68HC908RF Datasheet HTML 69Page - Motorola, Inc 68HC908RF Datasheet HTML 70Page - Motorola, Inc 68HC908RF Datasheet HTML 71Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 188 page
background image
Internal Clock Generator Module (ICG)
Functional Description
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
Internal Clock Generator Module (ICG)
67
6.3.1 Clock Enable Circuit
The clock enable circuit is used to enable the internal clock (ICLK) or external clock
(ECLK). The clock enable circuit generates an ICG stop (ICGSTOP) signal which
stops all clocks (ICLK, ECLK, and the low-frequency base clock, IBASE) low.
ICGSTOP is set and the ICG is disabled in stop mode.
The internal clock enable signal (ICGEN) turns on the internal clock generator
which generates ICLK. ICGEN is set (active) whenever the ICGON bit is set and
the ICGSTOP signal is clear. When ICGEN is clear, ICLK and IBASE are both low.
The external clock enable signal (ECGEN) turns on the external clock generator
which generates ECLK. ECGEN is set (active) whenever the ECGON bit is set and
the ICGSTOP signal is clear. When ECGEN is clear, ECLK is low.
6.3.2 Internal Clock Generator
The internal clock generator, shown in Figure 6-2, creates a low-frequency base
clock (IBASE), which operates at a nominal frequency (fNOM) of 307.2 kHz ±25
percent, and an internal clock (ICLK) which is an integer multiple of IBASE. This
multiple is the ICG multiplier factor (N), which is programmed in the ICG multiplier
register (ICGMR). The internal clock generator is turned off and the output clocks
(IBASE and ICLK) are held low when the internal clock generator enable signal
(ICGEN) is clear.
Figure 6-2. Internal Clock Generator Block Diagram
DIGITALLY
CONTROLLED
OSCILLATOR
ICLK
MODULO
N
DIVIDER
FREQUENCY
COMPARATOR
CLOCK GENERATOR
TRIM[7:0]
VOLTAGE &
CURRENT
REFERENCES
DIGITAL
LOOP
FILTER
++
+
–
– –
N[6:0]
DSTG[7:0]
ICGEN
IBASE
DDIV[3:0]
NAME
NAME
REGISTER BIT
MODULE SIGNAL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com