Electronic Components Datasheet Search
  English  ▼

X  

68HC908RF Datasheet(PDF) 76 Page - Motorola, Inc

Part # 68HC908RF
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC908RF Datasheet(HTML) 76 Page - Motorola, Inc

Back Button 68HC908RF Datasheet HTML 72Page - Motorola, Inc 68HC908RF Datasheet HTML 73Page - Motorola, Inc 68HC908RF Datasheet HTML 74Page - Motorola, Inc 68HC908RF Datasheet HTML 75Page - Motorola, Inc 68HC908RF Datasheet HTML 76Page - Motorola, Inc 68HC908RF Datasheet HTML 77Page - Motorola, Inc 68HC908RF Datasheet HTML 78Page - Motorola, Inc 68HC908RF Datasheet HTML 79Page - Motorola, Inc 68HC908RF Datasheet HTML 80Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 188 page
background image
Internal Clock Generator Module (ICG)
Data Sheet
MC68HC908RF2 — Rev. 4.0
76
Internal Clock Generator Module (ICG)
MOTOROLA
The switch automatically selects ICLK during reset. When the clock monitor is on
(CMON is set) and it determines one of the clock sources is inactive (as indicated
by the IOFF or EOFF signals), the circuit is forced to select the active clock. There
are no clocks for the inactive side of the synchronizer to properly operate, so that
side is forced deselected. However, the active side will not be selected until one to
two clock cycles after the IOFF or EOFF signal transitions.
6.4 Usage Notes
The ICG has several features which can provide protection to the microcontroller if
properly used. There are other features which can greatly simplify usage of the ICG
if certain techniques are employed. This section will describe several possible
ways to use the ICG and its features. These techniques are not the only ways to
use the ICG, and may not be optimum for all environments. In any case, these
techniques should be used only as a template, and the user should modify them
according to the application’s requirements.
These notes include:
•
Switching clock sources
•
Enabling the clock monitor
•
Using clock monitor interrupts
•
Quantization error in DCO output
•
Switching internal clock frequencies
•
Nominal frequency settling time
•
Improving frequency settling time
•
Trimming frequency
6.4.1 Switching Clock Sources
Switching from one clock source to another requires both clock sources to be
enabled and stable. A simple flow requires:
1.
Enable desired clock source
2.
Wait for it to become stable
3.
Switch clocks
4.
Disable previous clock source
The key point to remember in this flow is that the clock source cannot be switched
(CS cannot be written) unless the desired clock is on and stable.
A short assembly code example of how to employ this flow is shown in Figure 6-7.
This code is for illustrative purposes only and does not represent valid syntax for
any particular assembler.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com