Electronic Components Datasheet Search
  English  ▼

X  

68HC908RF Datasheet(PDF) 18 Page - Motorola, Inc

Part # 68HC908RF
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC908RF Datasheet(HTML) 18 Page - Motorola, Inc

Back Button 68HC908RF Datasheet HTML 14Page - Motorola, Inc 68HC908RF Datasheet HTML 15Page - Motorola, Inc 68HC908RF Datasheet HTML 16Page - Motorola, Inc 68HC908RF Datasheet HTML 17Page - Motorola, Inc 68HC908RF Datasheet HTML 18Page - Motorola, Inc 68HC908RF Datasheet HTML 19Page - Motorola, Inc 68HC908RF Datasheet HTML 20Page - Motorola, Inc 68HC908RF Datasheet HTML 21Page - Motorola, Inc 68HC908RF Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 188 page
background image
General Description
Data Sheet
MC68HC908RF2 — Rev. 4.0
18
General Description
MOTOROLA
1.4 Pin Assignments
Figure 1-2 shows the pin assignments.
Figure 1-2. LQFP Pin Assignments
1.4.1 Power Supply Pins (VDD and VSS)
VDD and VSS are the power supply and ground pins. The MCU operates from a
single power supply.
Fast signal transitions on MCU pins place high, short-duration current demands on
the power supply. To prevent noise problems, take special care to provide power
supply bypassing at the MCU as shown in Figure 1-3. Place the bypass capacitors
as close to the MCU power pins as possible. Use high-frequency-response
ceramic capacitors for CBypass. CBulk are optional bulk current bypass capacitors
for use in applications that require the port pins to source high-current levels.
OSC2
VDD
VSS
OSC1
PTB3/TCLK
DATACLK
DATA
BAND
XTAL0
XTAL1
GND
PTB2/TCH0
PTB1
PTB0/MCLK
PTA0
PTA1/KBD1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com