Electronic Components Datasheet Search
  English  ▼

X  

68HC908RF Datasheet(PDF) 68 Page - Motorola, Inc

Part # 68HC908RF
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC908RF Datasheet(HTML) 68 Page - Motorola, Inc

Back Button 68HC908RF Datasheet HTML 64Page - Motorola, Inc 68HC908RF Datasheet HTML 65Page - Motorola, Inc 68HC908RF Datasheet HTML 66Page - Motorola, Inc 68HC908RF Datasheet HTML 67Page - Motorola, Inc 68HC908RF Datasheet HTML 68Page - Motorola, Inc 68HC908RF Datasheet HTML 69Page - Motorola, Inc 68HC908RF Datasheet HTML 70Page - Motorola, Inc 68HC908RF Datasheet HTML 71Page - Motorola, Inc 68HC908RF Datasheet HTML 72Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 188 page
background image
Internal Clock Generator Module (ICG)
Data Sheet
MC68HC908RF2 — Rev. 4.0
68
Internal Clock Generator Module (ICG)
MOTOROLA
The internal clock generator contains:
•
A digitally controlled oscillator
•
A modulo N divider
•
A frequency comparator, which contains voltage and current references, a
frequency to voltage converter, and comparators
•
A digital loop filter
6.3.2.1 Digitally Controlled Oscillator
The digitally controlled oscillator (DCO) is an inaccurate oscillator which generates
the internal clock (ICLK). The clock period of ICLK is dependent on the digital loop
filter outputs (DSTG[7:0] and DDIV[3:0]). Because there is only a limited number of
bits in DDIV and DSTG, the precision of the output (ICLK) is restricted to a
long-term precision of approximately
±0.202 percent to ±0.368 percent when
measured over several cycles (of the desired frequency). Additionally, since the
propagation delays of the devices used in the DCO ring oscillator are a measurable
fraction of the bus clock period, reaching the long-term precision may require
alternately running faster and slower than desired, making the worst case
cycle-to-cycle frequency variation
±6.45 percent to ±11.8 percent (of the desired
frequency). The valid values of DDIV:DSTG range from $000 to $9FF. For more
information on the quantization error in the DCO, see 6.4.4 Quantization Error in
DCO Output.
6.3.2.2 Modulo N Divider
The modulo N divider creates the low-frequency base clock (IBASE) by dividing the
internal clock (ICLK) by the ICG multiplier factor (N) contained in the ICG multiplier
register (ICGMR). When N is programmed to a $01 or $00, the divider is disabled
and ICLK is passed through to IBASE undivided. When the internal clock generator
is stable, the frequency of IBASE will be equal to the nominal frequency (fNOM) of
307.2 kHz
±25 percent.
6.3.2.3 Frequency Comparator
The frequency comparator effectively compares the low-frequency base clock
(IBASE) to a nominal frequency, fNOM. First, the frequency comparator converts
IBASE to a voltage by charging a known capacitor with a current reference for a
period dependent on IBASE. This voltage is compared to a voltage reference with
comparators, whose outputs are fed to the digital loop filter. The dependence of
these outputs on the capacitor size, current reference, and voltage reference
causes up to
±25 percent error in f
NOM.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com