Electronic Components Datasheet Search
  English  ▼

X  

68HC908RF Datasheet(PDF) 96 Page - Motorola, Inc

Part # 68HC908RF
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC908RF Datasheet(HTML) 96 Page - Motorola, Inc

Back Button 68HC908RF Datasheet HTML 92Page - Motorola, Inc 68HC908RF Datasheet HTML 93Page - Motorola, Inc 68HC908RF Datasheet HTML 94Page - Motorola, Inc 68HC908RF Datasheet HTML 95Page - Motorola, Inc 68HC908RF Datasheet HTML 96Page - Motorola, Inc 68HC908RF Datasheet HTML 97Page - Motorola, Inc 68HC908RF Datasheet HTML 98Page - Motorola, Inc 68HC908RF Datasheet HTML 99Page - Motorola, Inc 68HC908RF Datasheet HTML 100Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 188 page
background image
Keyboard/External Interrupt Module (KBI)
Data Sheet
MC68HC908RF2 — Rev. 4.0
96
Keyboard/External Interrupt Module (KBI)
MOTOROLA
The IRQ1 pin and keyboard interrupt pins are falling-edge triggered and are
software-configurable to be both falling-edge and low-level triggered. The MODEI
and MODEK bits in the INTKBSCR controls the triggering sensitivity of the IRQ pin
and keyboard interrupt pins.
When an interrupt pin is edge-triggered only, the interrupt latch remains set until a
vector fetch, software clear, or reset occurs.
When an interrupt pin is both falling-edge and low-level-triggered, the interrupt
latch remains set until both of these occur:
•
Vector fetch or software clear
•
Return of the interrupt pin to logic 1
The vector fetch or software clear may occur before or after the interrupt pin returns
to logic 1. As long as the pin is low, the interrupt request remains pending. A reset
will clear the latch, the MODEI and MODEK control bits, thereby clearing the
interrupt even if the pin stays low.
When set, the IMASKI and IMASKK bits in the INTKBSCR mask all external
interrupt requests. A latched interrupt request is not presented to the interrupt
priority logic unless the corresponding IMASK<x> bit is clear.
NOTE:
The interrupt mask (I) in the condition code register (CCR) masks all interrupt
requests, including external interrupt requests. See Figure 7-4.
7.3.2 IRQ Pin
A logic 0 on the IRQ pin can latch an interrupt request into the IRQ1 latch. A vector
fetch, software clear, or reset clears the IRQ1 latch. If the MODEI bit is set, the IRQ
pin is both falling-edge sensitive and low-level sensitive. With MODEI set, both of
these actions must occur to clear the IRQ1 latch:
•
Vector fetch or software clear — A vector fetch generates an interrupt
acknowledge signal to clear the latch. Software may generate the interrupt
acknowledge signal by writing a 1 to the ACKI bit in the IRQ and keyboard
status and control register (INTKBSCR). The ACKI bit is useful in
applications that poll the IRQ pin and require software to clear the IRQ1
latch. Writing to the ACKI bit can also prevent spurious interrupts due to
noise. Setting ACKI does not affect subsequent transitions on the IRQ pin.
A falling edge on IRQ that occurs after writing to the ACKI bit latches another
interrupt request. If the IRQ1 mask bit, IMASKI, is clear, the CPU loads the
program counter with the vector address at locations $FFFA and $FFFB.
•
Return of the IRQ pin to logic 1 — As long as the IRQ pin is at logic 0, the
IRQ1 latch remains set.
The vector fetch or software clear and the return of the IRQ pin to logic 1 can occur
in any order. The interrupt request remains pending as long as the IRQ pin is at
logic 0. A reset will clear the latch and the MODEI control bit, thereby clearing the
interrupt even if the pin stays low.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com