Electronic Components Datasheet Search
  English  ▼

X  

68HC908RF Datasheet(PDF) 16 Page - Motorola, Inc

Part # 68HC908RF
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC908RF Datasheet(HTML) 16 Page - Motorola, Inc

Back Button 68HC908RF Datasheet HTML 12Page - Motorola, Inc 68HC908RF Datasheet HTML 13Page - Motorola, Inc 68HC908RF Datasheet HTML 14Page - Motorola, Inc 68HC908RF Datasheet HTML 15Page - Motorola, Inc 68HC908RF Datasheet HTML 16Page - Motorola, Inc 68HC908RF Datasheet HTML 17Page - Motorola, Inc 68HC908RF Datasheet HTML 18Page - Motorola, Inc 68HC908RF Datasheet HTML 19Page - Motorola, Inc 68HC908RF Datasheet HTML 20Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 188 page
background image
General Description
Data Sheet
MC68HC908RF2 — Rev. 4.0
16
General Description
MOTOROLA
•
12 general-purpose input/output (I/O) ports:
–
Six shared with keyboard wakeup function
–
Two shared with the timer module
–
Port A pins have 3-mA sink capabilities
•
Low-voltage inhibit (LVI) module:
–
1.85-V detection forces MCU into reset
–
2.0-V detection sets indicator flag
•
6-bit keyboard interrupt with wakeup feature
•
External asynchronous interrupt pin with internal pullup (IRQ)
•
Ultra high frequency (UHF) transmitter
•
System protection features:
–
Computer operating properly (COP) reset
–
Low-voltage detection with reset
–
Illegal opcode detection with reset
–
Illegal address detection with reset
•
32-pin plastic LQFP package
•
Low-power design with stop and wait modes
•
Master reset pin and power-on reset (POR)
•
–40°C to 85°C and –40°C to 125°C operation
Features of the CPU08 include:
•
Enhanced HC05 programming model
•
Extensive loop control functions
•
16 addressing modes (eight more than the HC05)
•
16-bit index register and stack pointer
•
Memory-to-memory data transfers
•
Fast 8
× 8 multiply instruction
•
Fast 16/8 divide instruction
•
Binary-coded decimal (BCD) instructions
•
Optimization for controller applications
•
Third party C language support
1.3 MCU Block Diagram
Figure 1-1 shows the structure of the MC68HC908RF2 MCU.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com