Electronic Components Datasheet Search
  English  ▼

X  

NE685 Datasheet(PDF) 3 Page - NEC

Part # NE685
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE685 Datasheet(HTML) 3 Page - NEC

  NE685 Datasheet HTML 1Page - NEC NE685 Datasheet HTML 2Page - NEC NE685 Datasheet HTML 3Page - NEC NE685 Datasheet HTML 4Page - NEC NE685 Datasheet HTML 5Page - NEC NE685 Datasheet HTML 6Page - NEC NE685 Datasheet HTML 7Page - NEC NE685 Datasheet HTML 8Page - NEC NE685 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
VCE = 0.5 V, IC = 0.5 mA
500
0.9
12.03
0.76
19
1.19
800
1.1
10.22
0.72
37
0.84
1000
1.3
9.24
0.67
50
0.72
VCE = 1.0 V, IC = 0.5 mA
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
NE68533
TYPICAL NOISE PARAMETERS (TA = 25˚C)
500
0.9
13.19
0.75
18
1.23
800
1.0
10.87
0.73
35
0.89
1000
1.2
10.16
0.68
47
0.77
500
0.9
15.67
0.73
16
0.77
800
1.0
12.73
0.68
30
0.57
1000
1.1
11.79
0.65
42
0.58
2000
1.6
4.73
0.59
53
0.36
500
1.07
18.37
0.61
14
0.54
800
1.13
14.40
0.55
19
0.39
1000
1.30
13.15
0.56
35
0.40
2000
1.43
7.48
0.42
40
0.34
2500
1.63
6.59
0.24
69
0.22
500
0.9
14.57
0.73
17
0.74
800
1.0
12.04
0.67
33
0.54
1000
1.2
10.94
0.64
45
0.50
VCE = 1.0 V, IC = 1.0 mA
VCE = 2.5 V, IC = 1 mA
VCE = 2.5 V, IC = 3 mA
VCE = 2.5 V, IC = 0.3 mA
500
1.42
13.3
0.80
18
2.52
800
1.58
9.7
0.72
32
1.40
1000
1.70
8.0
0.64
43
1.29
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
NE68539
TYPICAL NOISE PARAMETERS (TA = 25˚C)
500
0.85
16.3
0.72
17
0.66
800
0.98
12.6
0.61
29
0.50
1000
1.07
11.0
0.51
40
0.48
1500
1.29
7.8
0.38
55
0.39
2000
1.52
6.2
0.30
67
0.32
500
1.27
19.5
0.57
17
0.44
800
1.40
15.8
0.41
25
0.38
1000
1.50
14.1
0.31
26
0.35
1500
1.81
10.9
0.23
21
0.29
2000
2.13
8.6
0.19
10
0.26
2500
2.47
6.8
0.17
-10
0.22
500
1.17
18.2
0.63
19
0.46
800
1.30
14.9
0.51
29
0.38
1000
1.39
13.2
0.34
33
0.34
1500
1.69
10.0
0.23
28
0.30
2000
2.00
7.6
0.17
13
0.25
2500
2.33
5.8
0.16
-13
0.21
VCE = 3 V, IC = 5.0 mA
VCE = 2.5 V, IC = 1.0 mA
VCE = 2.5 V, IC = 3.0 mA
NE685 SERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com