Electronic Components Datasheet Search
  English  ▼

X  

NE685 Datasheet(PDF) 2 Page - NEC

Part # NE685
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE685 Datasheet(HTML) 2 Page - NEC

  NE685 Datasheet HTML 1Page - NEC NE685 Datasheet HTML 2Page - NEC NE685 Datasheet HTML 3Page - NEC NE685 Datasheet HTML 4Page - NEC NE685 Datasheet HTML 5Page - NEC NE685 Datasheet HTML 6Page - NEC NE685 Datasheet HTML 7Page - NEC NE685 Datasheet HTML 8Page - NEC NE685 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
500
1.33
19.4
0.58
13
0.54
800
1.40
15.3
0.52
26
0.49
1000
1.45
13.5
0.50
33
0.46
1500
1.57
10.0
0.43
46
0.42
2000
1.71
7.5
0.36
54
0.38
2500
1.90
5.6
0.29
60
0.31
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
9
VCEO
Collector to Emitter Voltage
V
6
VEBO
Emitter to Base Voltage
V
2.0
IC
Collector Current
mA
30
TJ
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to +150
Note: 1.Operation in excess of any one of these parameters may
result in permanent damage.
NE685 SERIES
VCE = 3 V, IC = 3 mA
500
1.00
21.32
0.63
26
0.56
800
1.15
16.29
0.59
31
0.44
1000
1.20
14.66
0.56
39
0.40
1500
1.35
11.02
0.52
48
0.37
2000
1.50
8.67
0.47
53
0.33
2500
1.65
7.24
0.40
65
0.23
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
NE68518
TYPICAL NOISE PARAMETERS (TA = 25˚C)
500
1.20
21.15
0.55
19
0.47
800
1.25
17.29
0.51
31
0.42
1000
1.35
15.47
0.49
37
0.38
1500
1.45
11.87
0.46
44
0.35
2000
1.60
9.57
0.42
53
0.33
2500
1.75
7.90
0.36
60
0.22
VCE = 3 V, IC = 10 mA
VCE = 3 V, IC = 5 mA
500
1.55
21.70
0.44
15
0.44
800
1.60
18.13
0.40
30
0.41
1000
1.65
16.20
0.38
36
0.39
1500
1.80
12.85
0.34
44
0.37
2000
1.90
10.60
0.30
50
0.34
2500
2.00
8.82
0.27
55
0.23
VCE = 2.5 V, IC = 0.3 mA
500
1.07
12.6
0.80
17
1.70
800
1.25
8.6
0.79
32
1.55
1000
1.55
6.7
0.75
42
1.41
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
NE68519
TYPICAL NOISE PARAMETERS (TA = 25˚C)
500
0.87
16.9
0.73
14
0.80
800
0.99
12.8
0.67
27
0.65
1000
1.08
11.0
0.64
36
0.62
1500
1.31
7.5
0.60
52
0.52
2000
1.65
5.0
0.54
65
0.42
VCE = 3 V, IC = 10 mA
VCE = 2.5 V, IC = 1.0 mA
500
1.05
19.3
0.65
14
0.57
800
1.12
15.8
0.58
27
0.50
1000
1.17
13.4
0.55
33
0.45
1500
1.31
9.9
0.50
47
0.38
2000
1.51
7.5
0.43
58
0.32
2500
1.75
5.5
0.32
69
0.21
VCE = 3 V, IC = 5.0 mA
VCE = 0.5 V, IC = 0.5 mA
500
0.95
10.87
0.81
15
1.20
800
1.05
7.82
0.75
24
1.02
1000
1.20
6.92
0.72
34
0.86
VCE = 0.75 V, IC = 0.5 mA
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
NE68530
TYPICAL NOISE PARAMETERS (TA = 25˚C)
500
0.97
11.28
0.82
14
1.15
800
1.15
8.64
0.76
24
1.00
1000
1.25
7.62
0.73
33
0.84
500
0.95
11.93
0.78
12
1.02
800
1.12
8.71
0.76
22
0.99
1000
1.28
8.35
0.69
32
0.86
500
1.10
8.73
0.85
13
1.69
800
1.20
6.83
0.80
25
1.65
1000
1.45
6.67
0.75
36
1.64
VCE = 1.0 V, IC = 0.25 mA
VCE = 1.0 V, IC = 0.5 mA
VCE = 1.0 V, IC = 0.75 mA
VCE = 1.0 V, IC = 1.0 mA
500
0.88
14.48
0.75
13
0.82
800
1.00
10.96
0.71
21
0.76
1000
1.14
9.83
0.66
29
0.62
500
0.90
12.92
0.77
11
0.92
800
1.02
10.03
0.73
21
0.84
1000
1.18
9.23
0.67
30
0.69
VCE = 1.0 V, IC = 3.0 mA
500
0.98
17.29
0.60
10
0.52
800
1.07
13.62
0.57
18
0.50
1000
1.15
12.01
0.54
25
0.47
2000
1.52
6.41
0.43
27
0.38
VCE = 2.5 V, IC = 0.3 mA
500
1.10
10.77
0.85
14
1.49
800
1.30
7.48
0.81
22
1.45
1000
1.47
6.76
0.78
30
1.37
VCE = 2.5 V, IC = 1 mA
500
0.85
15.44
0.73
12
0.91
800
1.04
11.52
0.72
19
0.75
1000
1.16
10.45
0.69
27
0.68
2000
1.60
5.16
0.54
33
0.47
VCE = 2.5 V, IC = 3 mA
500
1.08
18.11
0.65
11
0.60
800
1.15
14.37
0.60
17
0.53
1000
1.22
12.76
0.58
23
0.49
2000
1.68
7.19
0.48
20
0.41
VCE = 3 V, IC = 3 mA
500
1.10
18.10
0.65
10
0.58
800
1.19
14.27
0.61
14
0.50
1000
1.25
12.77
0.60
23
0.49
2000
1.48
7.20
0.50
20
0.42
3000
1.74
5.22
0.32
28
0.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com