Electronic Components Datasheet Search
  English  ▼

X  

NE685 Datasheet(PDF) 4 Page - NEC

Part # NE685
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE685 Datasheet(HTML) 4 Page - NEC

  NE685 Datasheet HTML 1Page - NEC NE685 Datasheet HTML 2Page - NEC NE685 Datasheet HTML 3Page - NEC NE685 Datasheet HTML 4Page - NEC NE685 Datasheet HTML 5Page - NEC NE685 Datasheet HTML 6Page - NEC NE685 Datasheet HTML 7Page - NEC NE685 Datasheet HTML 8Page - NEC NE685 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NE68518, NE68530
D.C. POWER DERATING CURVE
200
100
0
0
50
100
150
INFINITE
HEAT SINK
FREE AIR
114
180
Ambient Temperature, TA (C°)
200
100
0
0
100
150
125
180
50
50
150
114
FREE AIR
INFINITE
HEAT SINK
Ambient Temperature, TA (C°)
NE68519
D.C. POWER DERATING CURVE
1
2
5
10
20
50
5
4
3
2
1
0
VCE = 3 V
f = 2 GHz
VCE = 3 V
IC = 10 mA
MAG
|S21E|2
0.1
0.2
0.5
1.0
2.0
5.0
50
40
30
20
10
0
38.4
114
0
50
100
150
0
100
180
200
FREE AIR
INFINITE
HEAT SINK
Frequency, f (GHz)
NE68533, NE68539
D.C. POWER DERATING CURVE
1
2
5
10
20
50
0
2
4
6
8
10
12
VCE = 3 V
f = 2 GHz
INSERTION GAIN vs.
COLLECTOR CURRENT
Collector Current, IC (mA)
Ambient Temperature, TA (°C)
Collector Current, IC (mA)
TYPICAL PERFORMANCE CURVES (TA = 25°C)
NOISE FIGURE
vs. COLLECTOR CURRENT
FORWARD INSERTION GAIN
AND MAXIMUM AVAILABLE GAIN
vs. FREQUENCY
NE685 SERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com